Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7005MX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN7005MX
Description  200mW Stereo Power Amplifier with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7005MX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN7005MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 10Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 11Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 12Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FAN7005
9
Typical Performance Characteristics (Continued)
Figure 25. Power Dissipation vs. Output Power
Figure 26. Output Power vs. Supply Voltage
Figure 27. Output Power vs. Supply Voltage
Figure 28. Output Power vs. Load Resistance
Figure 29. Output Power vs. Load Resistance
Figure 30. Drop Voltage vs. Supply Voltage
0
25
50
75
100
0
10
20
30
40
50
60
70
VDD = 3V
f = 1KHz
THD+N < 1.0%
Av = -1
BW < 80KHz
RL=16
RL=32
RL=8
0
25
50
75
100
0
10
20
30
40
50
60
70
VDD = 3V
f = 1kHz
THD+N < 1.0%
Av = -1
BW < 80kHz
Output Power (mW)
RL=16
RL=32
RL=8
0
25
50
75
100
0
10
20
30
40
50
60
70
VDD = 3V
f = 1KHz
THD+N < 1.0%
Av = -1
BW < 80KHz
RL=16
RL=32
RL=8
0
25
50
75
100
0
10
20
30
40
50
60
70
VDD = 3V
f = 1kHz
THD+N < 1.0%
Av = -1
BW < 80kHz
Output Power (mW)
RL=16
RL=32
RL=8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
50
100
150
200
250
300
350
400
450
1% THD+N
10% THD+N
0.1% THD+N
f = 1kHz
RL = 8
Av = -1
BW < 80kHz
Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
50
100
150
200
250
300
350
400
450
1% THD+N
10% THD+N
0.1% THD+N
f = 1kHz
RL = 8
Av = -1
BW < 80kHz
Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
25
50
75
100
125
150
10% THD+N
1% THD+N
0.1% THD+N
f = 1kHz
RL = 32
Av = -1
BW < 80kHz
Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
25
50
75
100
125
150
10% THD+N
1% THD+N
0.1% THD+N
f = 1kHz
RL = 32
Av = -1
BW < 80kHz
Supply Voltage (V)
8
16
24324048
5664
0
50
100
150
200
250
300
350
400
1% THD+N
10% THD+N
8
16
24324048
5664
0
50
100
150
200
250
300
350
400
1% THD+N
10% THD+N
Load Resistance (
Ω)
VDD = 5V
f = 1kHz
Av = -1
BW < 80kHz
8
16
24324048
5664
0
50
100
150
200
250
300
350
400
1% THD+N
10% THD+N
8
16
24324048
5664
0
50
100
150
200
250
300
350
400
1% THD+N
10% THD+N
Load Resistance (
Ω)
VDD = 5V
f = 1kHz
Av = -1
BW < 80kHz
VDD = 5V
f = 1kHz
Av = -1
BW < 80kHz
8
162432
40
485664
0
20
40
60
80
100
120
10% THD+N
1% THD+N
VDD = 3V
f = 1kHz
Av = -1
BW < 80kHz
8
162432
40
485664
0
20
40
60
80
100
120
10% THD+N
1% THD+N
VDD = 3V
f = 1kHz
Av = -1
BW < 80kHz
Load Resistance (
Ω)
8
162432
40
485664
0
20
40
60
80
100
120
10% THD+N
1% THD+N
VDD = 3V
f = 1kHz
Av = -1
BW < 80kHz
8
162432
40
485664
0
20
40
60
80
100
120
10% THD+N
1% THD+N
VDD = 3V
f = 1kHz
Av = -1
BW < 80kHz
Load Resistance (
Ω)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
200
300
400
500
600
Bottom Side
Top Side
RL=8
SE Mode
Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
200
300
400
500
600
Bottom Side
Top Side
RL=8
SE Mode
Supply Voltage (V)


Similar Part No. - FAN7005MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7000 FAIRCHILD-FAN7000 Datasheet
59Kb / 10P
   Low Power Amplifier
FAN7000D FAIRCHILD-FAN7000D Datasheet
59Kb / 10P
   Low Power Amplifier
More results

Similar Description - FAN7005MX

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AA4003 BCDSEMI-AA4003 Datasheet
504Kb / 18P
   2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
   Stereo Headphone Amplifier With Shutdown Mode
logo
Maxim Integrated Produc...
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
logo
Global Mixed-mode Techn...
G1453 GMT-G1453 Datasheet
490Kb / 1P
   2.6W Stereo Audio Amplifier with Shutdown Mode
G1454 GMT-G1454 Datasheet
398Kb / 1P
   2.0W Stereo Audio Amplifier with Shutdown Mode
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
BCD Semiconductor Manuf...
AA4005 BCDSEMI-AA4005 Datasheet
571Kb / 15P
   2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com