Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSMA30A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # TPSMA30A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

TPSMA30A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  TPSMA30A Datasheet HTML 1Page - SUNMATE electronic Co., LTD TPSMA30A Datasheet HTML 2Page - SUNMATE electronic Co., LTD TPSMA30A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
(1) V
BR measured after IT applied for 300 µs, IT = square wave pulse or equivalent
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR
(1) AT I
T (V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR (µA)
TJ = 150 °C
MAXIMUM
REVERSE
LEAKAGE AT
VWM
ID (µA)
MAXIMUM
PEAK
PULSE
SURGE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
2 of 3
www.sunmate.tw
TPSMA6.8
TPSMA6.8A
TPSMA7.5
TPSMA7.5A
TPSMA8.2
TPSMA8.2A
TPSMA9.1
TPSMA9.1A
TPSMA10
TPSMA10A
TPSMA11
TPSMA11A
TPSMA12
TPSMA12A
TPSMA13
TPSMA13A
TPSMA15
TPSMA15A
TPSMA16
TPSMA16A
TPSMA18
TPSMA18A
TPSMA20
TPSMA20A
TPSMA22
TPSMA22A
TPSMA24
TPSMA24A
TPSMA27
TPSMA27A
TPSMA30
TPSMA30A
TPSMA33
TPSMA33A
TPSMA36
TPSMA36A
TPSMA39
TPSMA39A
TPSMA43
TPSMA43A
AEP
6.45
7.14
10
5.80
300
1000
38.1
10.5
AGP
7.13
7.88
10
6.40
150
500
35.4
11.3
AKP
7.79
8.61
10
7.02
50
200
33.1
12.1
AMP
8.65
9.55
1.0
7.78
10
50
29.9
13.0
APP
9.50
10.50
1.0
8.65
5.0
20
27.6
14.5
ARP
10.50
11.60
1.0
9.40
1.0
5.0
25.6
15.6
ATP
11.40
12.60
1.0
10.20
1.0
5.0
24.0
16.7
AVP
12.40
13.70
1.0
11.10
1.0
5.0
22.0
18.2
AXP
14.30
15.80
1.0
12.80
1.0
5.0
18.9
21.2
AZP
15.20
16.80
1.0
13.60
1.0
5.0
17.8
22.0
BEP
17.10
18.90
1.0
15.30
1.0
5.0
15.9
25.5
BGP
19.00
21.00
1.0
17.10
1.0
5.0
14.4
27.7
BKP
20.90
23.10
1.0
18.80
1.0
5.0
13.1
30.6
BMP
22.80
25.20
1.0
20.50
1.0
5.0
12.0
33.2
BPP
25.70
28.40
1.0
23.10
1.0
5.0
10.7
37.5
BRP
28.50
31.50
1.0
25.60
1.0
5.0
9.7
41.4
BTP
31.40
34.70
1.0
28.20
1.0
5.0
8.8
45.7
BVP
34.20
37.80
1.0
30.80
1.0
5.0
8.0
49.9
BXP
37.10
41.00
1.0
33.30
1.0
5.0
7.4
53.9
BZP
40.90
45.20
1.0
36.80
1.0
5.0
6.7
59.3
ADP
6.12
7.48
10
5.50
300
1000
37.0
10.8
AFP
6.75
8.25
10
6.05
150
500
34.2
11.7
AHP
7.38
9.02
10
6.63
50
200
32.0
12.5
ALP
8.19
10.00
1.0
7.37
10
50
29.0
13.8
ANP
9.00
11.00
1.0
8.10
5.0
20
26.7
15.0
AQP
9.90
12.10
1.0
8.92
1.0
5.0
24.7
16.2
ASP
10.80
13.20
1.0
9.72
1.0
5.0
23.1
17.3
AUP
11.70
14.30
1.0
10.50
1.0
5.0
21.1
19.0
AWP
13.50
16.30
1.0
12.10
1.0
5.0
18.2
22.0
AYP
14.40
17.60
1.0
12.90
1.0
5.0
17.0
23.5
BDP
16.20
19.80
1.0
14.50
1.0
5.0
15.1
26.5
BFP
18.00
22.00
1.0
16.20
1.0
5.0
13.7
29.1
BHP
19.80
24.20
1.0
17.80
1.0
5.0
12.5
31.9
BLP
21.60
26.40
1.0
19.40
1.0
5.0
11.5
34.7
BNP
24.30
29.70
1.0
21.80
1.0
5.0
10.2
39.1
BQP
27.00
33.00
1.0
24.30
1.0
5.0
9.2
43.5
BSP
29.70
36.30
1.0
26.80
1.0
5.0
8.4
47.0
BUP
32.40
39.60
1.0
29.10
1.0
5.0
7.7
52.0
BWP
35.10
42.90
1.0
31.60
1.0
5.0
7.1
56.4
BYP
38.70
47.30
1.0
34.80
1.0
5.0
6.5
61.9


Similar Part No. - TPSMA30A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMA30A VISHAY-TPSMA30A Datasheet
36Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
TPSMA30A VISHAY-TPSMA30A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMA30A VISHAY-TPSMA30A Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA30A VISHAY-TPSMA30A Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
Shenzhen Taychipst Elec...
TPSMA30A TAYCHIPST-TPSMA30A Datasheet
13Mb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

Similar Description - TPSMA30A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
SMAJ10 YANGJIE-SMAJ10_17 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
SUNMATE electronic Co.,...
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com