Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2370DR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2370DR
Description  IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2370DR Datasheet(HTML) 2 Page - Texas Instruments

  TPS2370DR Datasheet HTML 1Page - Texas Instruments TPS2370DR Datasheet HTML 2Page - Texas Instruments TPS2370DR Datasheet HTML 3Page - Texas Instruments TPS2370DR Datasheet HTML 4Page - Texas Instruments TPS2370DR Datasheet HTML 5Page - Texas Instruments TPS2370DR Datasheet HTML 6Page - Texas Instruments TPS2370DR Datasheet HTML 7Page - Texas Instruments TPS2370DR Datasheet HTML 8Page - Texas Instruments TPS2370DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS2370
SLUS537C − AUGUST 2002 − REVISED MARCH 2004
www.ti.com
2
DESCRIPTION (CONTINUED)
During initial turnon of the switch (inrush mode), an external resistor is used to program the inrush current, allowing a wide
range of capacitor values to be used at the load. According to IEEE 802.3af specification, inrush current of 400 mA is
allowed only for 50 ms, limiting the load capacitor to approximately 180
µF. A programmable inrush current limit removes
this limitation, allowing a larger capacitor to be used with a lower inrush current limit.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)
PART NUMBER
0
°C to 70°C
Plastic TSSOP (PW)
TPS2370PW
0
°C to 70°C
Plastic SOIC (D)
TPS2370D
(1)
The PW and D packages are also available taped and reeled. Add an R suffix to the device type (i.e., TPS2370PWR).
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range unless otherwise noted (2)
TPS2370
UNIT
ILIM
4
Input voltage range, wrt VEE
CLASS
12
V
Input voltage range, wrt VEE
DET, RTN, EN_DC, VDD
68
V
EN_DC (wrt RTN)
5
Operating junction temperature range, TJ
−55 to 150
°C
Storage temperature, Tstg
−65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(2)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input voltage, VI
48
57
V
Operating junction temperature, TJ
0
70
°C
DISSIPATION RATINGS(3)(4)
PACKAGE
THERMAL IMPEDANCE
JUNCTION-TO-AMBIENT
TA < 25°C
POWER RATING
TA = 25°C
DERATING
FACTOR
TA = 70°C
POWER RATING
8-Pin Plastic TSSOP (PW)
258.5
°C/W
464 mW
3.9 mW/
°C
290 mW
8-Pin Plastic SOIC (D)
176.0
°C/W
682 mW
5.7 mW/
°C
426 mW
(3) Test board conditions:
1. 3” x 3”, 4 layers, thickness: 0.062”
2. 1.5 oz. copper traces located on the top of the PCB
3. 1.5 oz. copper ground plane on the bottom of the PCB
4. 0.5 oz. copper ground planes on the 2 internal layers
5. 12 thermal vias
(4) Maximum power dissipation may be limited by overcurrent protection.


Similar Part No. - TPS2370DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2370D TI-TPS2370D Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results

Similar Description - TPS2370DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com