Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2370PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2370PW
Description  IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2370PW Datasheet(HTML) 4 Page - Texas Instruments

  TPS2370PW Datasheet HTML 1Page - Texas Instruments TPS2370PW Datasheet HTML 2Page - Texas Instruments TPS2370PW Datasheet HTML 3Page - Texas Instruments TPS2370PW Datasheet HTML 4Page - Texas Instruments TPS2370PW Datasheet HTML 5Page - Texas Instruments TPS2370PW Datasheet HTML 6Page - Texas Instruments TPS2370PW Datasheet HTML 7Page - Texas Instruments TPS2370PW Datasheet HTML 8Page - Texas Instruments TPS2370PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS2370
SLUS537C − AUGUST 2002 − REVISED MARCH 2004
www.ti.com
4
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLASS
2
O
Sets classification level with a single resistor to VEE. A precision voltage of 10 V is applied to this pin during
classification. RCLASS values listed in Table 1.
DET
3
O
Connect the 24.9-k
Ω detection resistor (RDET) between this pin and VDD.
EN_DC
6
O
Ties to dc-to-dc converter’s shutdown or soft-start pin. Sinks 80
µA until the load capacitor is fully charged.
ILIM
1
O
Sets start-up current limit level with a resistor to VEE. If using CDC2DCIN > 180 µF, IRUSH must be less than
400 mA. Extra capacitance on ILIM pin can cause oscillations in the current waveform.
RTN
5
O
Return pin. Connect this pin to input return side of the dc-to-dc converter.
VDD
8
I
Connection to PD input port positive voltage.
VEE
4
I
Input side power return for the controller.
(1) I
INRUSH + 450 mA *
25 k
W
R
LIM
(1A)
DETAILED PIN DESCRIPTIONS
ILIM (Pin 1)
Inrush current limiting pin. This pin is used to program the inrush current of the device. By placing a resistor to VEE
from this pin, the inrush current into the load is limited via the following equation:
I
INRUSH + 450 mA *
25 k
W
R
LIM
(1A)
CLASS (Pin 2)
Classification pin. The PD can be optionally classified by adding a resistor from this pin to ground. The resistor specific
to each class is given in Table 1: PoE Classification Resistance Values.
DET (Pin3)
Detection pin. This pin is used to set up the detection resistance during PD detection. By tying a resistor, RDET, from
this pin to VDD, the user sets the detection resistance. It should be noted that the device itself looks like approximately
1 M
Ω of resistance in parallel with RDET.
VEE (Pin 4)
Negative supply to the device.
RET (Pin 5)
Negative supply to the load. This pin is the drain side of a FET between the RET pin and the VEE pin, providing hot
swap capabilities to the load. When the FET is switched on, there is approximately 300 m
Ω between this pin and VEE.
EN_DC (Pin 6)
Enable pin for the load. This pin is intended to be used with a dc-to-dc coverter with a soft start capacitor. When power
is not available to the dc-to-dc converter, this pin sinks 80
µA and holds off the soft-start capacitor on the dc-to-dc
converter. Once the voltage across the load is within 1.5 V of its final value, the EN_DC pin stops drawing current
and becomes high impedance, allowing the dc-to-dc converter to soft start normally.
VDD (Pin 8)
Positive supply to the device.
(1)


Similar Part No. - TPS2370PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2370PW TI-TPS2370PW Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results

Similar Description - TPS2370PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com