Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2400DBVTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2400DBVTG4
Description  Overvoltage Protection Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2400DBVTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2400DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS2400DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS2400DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS2400DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS2400DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS2400DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS2400DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS2400DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS2400DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS2400
www.ti.com
SLUS599B – JUNE 2004 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VI(VIN) = 3.1 V
65
110
VI(VIN) = 5 V
95
180
II(VIN)
Input supply current, VIN
µA
VI(VIN) = 6.5 V
135
220
VI(VIN) = 100 V
550
1000
Undervoltage lockout upper
UVLO(upper)
VI(VIN) rising
2.9
3
3.1
V
threshold
UVLO(hyst)
Undervoltage lockout hysteresis
85
100
115
mV
Overvoltage protection upper
OVP(upper)
VI(VIN) rising
6.7
6.9
7.1
V
threshold
OVP(hyst)
Overvoltage protection hysteresis
135
150
165
mV
GATE DRIVE
VI(VIN) = 3.1 V, VO(gate) = 7 V
3
10
IOSOURCE(gate) Gate sourcing current
µA
VI(VIN) = 5 V, VO(gate) = 10 V
3
10
IOSINK(gate)
Gate sinking current(1)
VI(VIN) = 7.2 V, VO(gate) = 15 V
350
485
600
mA
VI(VIN) = 3.1 V, IOSOURCE(gate) = 1 µA
10
12
VOH(gate)
Gate output high voltage
VI(VIN) = 5 V, IOSOURCE(gate) = 1.5 µA
16
19
V
VI(VIN) = 6.5 V, IOSOURCE(gate) = 1.5 µA
16
20
VOHMAX(gate)
Gate output high maximum voltage
IOSOURCE(gate) = 0 µA
20
V
VOL(gate)
Gate output low voltage
VI(VIN) = 7.2 V, IOSINK(gate) = 50 mA
1
V
Gate turnon propogation delay,
VI(VIN) stepped from 0 V to 5 V, CLOAD = 1 nF
0.1
0.6
TON(prop)
(50% VI(vin) to VO(gate) = 1 V,
ms
CLOAD = 10 nF
0.9
3
RLOAD = 10 MΩ
Gate turnon rise time,
VI(VIN) stepped from 0 V to 5 V, CLOAD = 1 nF
1.5
6
TON(rise)
(VO(gate) = 1 V to 90%VO(gate),
ms
CLOAD = 10 nF
15
55
RLOAD = 10 MΩ)
VI(VIN) stepped from 6 V to 8 V, CLOAD = 1 nF
5
0.25
Turnoff time, (50% VI(VIN) step to
TOFF
µs
VO(GATE) = 6.9 V, RLOAD = 10 MΩ)
CLOAD = 10 nF
5
0.5
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2400


Similar Part No. - TPS2400DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2400DBVT TI-TPS2400DBVT Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
More results

Similar Description - TPS2400DBVTG4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com