Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2459RHBT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2459RHBT
Description  12-V/3.3-V Hot Swap and ORing Controller with I2C and Load Current Monitor for AdvancedMC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2459RHBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2459RHBT Datasheet HTML 5Page - Texas Instruments TPS2459RHBT Datasheet HTML 6Page - Texas Instruments TPS2459RHBT Datasheet HTML 7Page - Texas Instruments TPS2459RHBT Datasheet HTML 8Page - Texas Instruments TPS2459RHBT Datasheet HTML 9Page - Texas Instruments TPS2459RHBT Datasheet HTML 10Page - Texas Instruments TPS2459RHBT Datasheet HTML 11Page - Texas Instruments TPS2459RHBT Datasheet HTML 12Page - Texas Instruments TPS2459RHBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TPS2459
www.ti.com
SLUS917E – FEBRUARY 2009 – REVISED MAY 2013
TERMINAL FUNCTIONS (continued)
PIN
NAME
I/O
DESCRIPTION
NO.
12-V blocking transistor enable. (active high). Pulling this pin high (or allowing it to float high) allows the 12-V
OREN
10
I
channel ORing function to operate normally. Pulling this pin low disables the 12-V ORing function by pulling
the BLK pin low. An internal 200-k
Ω resistor pulls this pin up to VINT when disconnected.
OUT12
8
I/O
12-V output. Senses the output voltage of the 12-V channel.
OUT3
17
I/O
3-V output. Output of the 3-V channel internal pass FET.
12-V pass transistor gate drive. This pin sources 30
μA to turn the FET on. An internal clamp prevents this pin
PASS
11
O
from rising more than 14.5 V above IN12.
12-V power good output,asserts when VOUT12 > V PG12 ( active low) . Open-drain output indicating that
PG12
4
O
channel 12 output voltage has dropped below the PG threshold, which nominally equals 10.5 V.
3-V power good output, asserts when VOUT3 > 2.8 V ( active low) . Open-drain output indicating that channel 3
PG3
20
O
output voltage has dropped below the PG threshold, which nominally equals 2.85 V.
SCL
3
I
Serial clock input for the I2C™ data line. (See TPS2459 I2C™ Interface section for details.)
SDA
2
I/O
Bidirectional I2C™ data line. (See TPS2459 I2C™ Interface section for details.)
SENM
12
I
12-V current limit sense. Senses the voltage on the low side of the 12-V channel current sense resistor.
SENP
14
I
12-V input sense. Senses the voltage on the high side of the 12-V channel current sense resistor.
12-V current limit set. A resistor connected from this pin to SENP sets the current limit level in conjunction with
SET
13
I
the current sense resistor and the resistor connected to the SUM12 pin, as described in 12-V thresholds,
setting current limit and fast overcurrent trip section.
12-V summing node. A resistor connected from this pin to ground forms part of the channel x current limit. As
SUM12
5
I/O
the current delivered to the load increases, so does the voltage on this pin. When the voltage on this pin
reaches 675 mV, the current limit amplifier acts to prevent the current from further increasing.
3-V summing node. A resistor connected from this pin to ground forms part of the channel x current limit. As
SUM3
21
I/O
the current delivered to the load increases, so does the voltage on this pin. When the voltage on this pin
reaches 675 mV, the current limit amplifier acts to prevent the current from further increasing.
VDD3
22
I
3-V charge pump input
Bypass capacitor connection point for internal supply. This pin connects to the internal 2.35-V rail. A 0.1-
μF
VINT
1
I/O
capacitor must be connected from this pin to ground. Do not connect other external circuitry to this pin
except the address programming pins, as required.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2459


Similar Part No. - TPS2459RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2459RHB TI-TPS2459RHB Datasheet
1,000Kb / 44P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C??and Load Current Monitor for AdvancedMC?
More results

Similar Description - TPS2459RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2459 TI-TPS2459 Datasheet
1,000Kb / 44P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with I2C??and Load Current Monitor for AdvancedMC?
TPS2458 TI1-TPS2458_16 Datasheet
1Mb / 29P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC
TPS2458 TI-TPS2458 Datasheet
983Kb / 28P
[Old version datasheet]   12-V/3.3-V Hot Swap and ORing Controller with Load Current Monitor for AdvancedMC?
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Linear Technology
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Maxim Integrated Produc...
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
   Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Allegro MicroSystems
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
784Kb / 15P
   12 V High-Side Hot-Swap Hall Effect Based Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com