Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2482PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2482PW
Description  36-V Hotswap Controller with Precision I2C Power Monitoring
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2482PW Datasheet(HTML) 1 Page - Texas Instruments

  TPS2482PW Datasheet HTML 1Page - Texas Instruments TPS2482PW Datasheet HTML 2Page - Texas Instruments TPS2482PW Datasheet HTML 3Page - Texas Instruments TPS2482PW Datasheet HTML 4Page - Texas Instruments TPS2482PW Datasheet HTML 5Page - Texas Instruments TPS2482PW Datasheet HTML 6Page - Texas Instruments TPS2482PW Datasheet HTML 7Page - Texas Instruments TPS2482PW Datasheet HTML 8Page - Texas Instruments TPS2482PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
TPS2482
TPS2483
www.ti.com
SLUSAW1 A – DECEMBER 2012 – REVISED MARCH 2013
36-V Hotswap Controller with Precision I2C Power Monitoring
Check for Samples: TPS2482, TPS2483
1
FEATURES
DESCRIPTION
The TPS2482 and TPS2483 provide hotswap control
2
9-V to 36-V Input Range, 40 V Abs. Max
and precision monitoring for 9-V to 36-V applications.
Current, Voltage and Power Monitor
Accurate voltage, current, and power monitoring is
±0.5% Accurate Current Monitoring
provided by a 16-bit A/D converter with a serial
( -25°C < TJ < 85°C)
interface that is compatible with I2C and SMBus.
Voltage and current measurements are interleaved
16 Programmable I2C™ Addresses
and multiplied internally to provide concurrent power
Configurable Averaging Options
calculations.
These
devices
have
high
current
Programmable MOSFET SOA protection
monitoring accuracy over temperature and a broad
load
range.
This
makes
them
well
suited
for
High Side Gate Drive for External N-FET
applications
where
load
identity
and
health
is
Programmable Fault Timer
determined by current profile, such as remote radio
Open-Drain Power-Good Output
heads or cellular antennae.
20-Pin TSSOP Package
The hotswap section drives N-channel MOSFETs,
with timed inrush and fault-current limiting. Advanced
APPLICATIONS
MOSFET safe operating area (SOA) protection is
achieved by programmable constant-power foldback
RRH (Remote Radio Heads)
and
a
fixed
current
limit.
This
results
in
an
Storage Networks
exponential inrush current profile as shown in the
Plug-In Modules
start-up figure below. As VOUT ramps up and the VDS
of the MOSFET is reduced the current increases
Base Station 24 V Antenna Power
keeping MOSFET power dissipation within its SOA at
Industrial 24 V - 28 V Power
all times. The TPS2482 latches off after a hard fault,
while the TPS2483 automatically attempts to restart
after a cool-off delay.
The TPS2482 and TPS2483 can be dropped into
existing TPS2480 and TPS2481 sockets to provide
improved accuracy and operating voltage range. This
can be accomplished with no PCB changes and
minor software modifications.
Simplified Application Diagram
Example Start-Up Waveforms
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP B.V Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2482PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482PW TI-TPS2482PW Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
TPS2482PWR TI-TPS2482PWR Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
More results

Similar Description - TPS2482PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482 TI-TPS2482 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com