Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2514 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2514
Description  USB Dedicated Charging Port Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2514 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2514 Datasheet HTML 4Page - Texas Instruments TPS2514 Datasheet HTML 5Page - Texas Instruments TPS2514 Datasheet HTML 6Page - Texas Instruments TPS2514 Datasheet HTML 7Page - Texas Instruments TPS2514 Datasheet HTML 8Page - Texas Instruments TPS2514 Datasheet HTML 9Page - Texas Instruments TPS2514 Datasheet HTML 10Page - Texas Instruments TPS2514 Datasheet HTML 11Page - Texas Instruments TPS2514 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
130
140
150
160
170
180
±40
±20
0
20
40
60
80
100
120
140
T
J Junction Temperature (ƒC)
C007
V
IN = 5 V
TPS2513, TPS2513A
TPS2514, TPS2514A
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT
vs
TEMPERATURE
Figure 7.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A


Similar Part No. - TPS2514

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TPS2514 DIODES-TPS2514 Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
TPS2514A DIODES-TPS2514A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2514A TI1-TPS2514A Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A-Q1 TI1-TPS2514A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514AQDBVRQ1 TI1-TPS2514AQDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2514

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com