Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2514AQDBVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2514AQDBVRQ1
Description  USB Dedicated Charging Port Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2514AQDBVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2514AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 13Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
D-
D+
GND
VBUS
5 V
1.2 V
2.7V
2.7V
S1
S2
S3
S4
DP1
DM1
GND
Divider 2
S1, S2: ON
S3, S4: OFF
Short Mode
S4 ON
S1, S2, S3: OFF
1.2V on DP1 and DM1
S3, S4: ON
S1, S2: OFF
TPS2513A-Q1, TPS2514A-Q1
SLVSCC8A – MAY 2014 – REVISED DECEMBER 2014
www.ti.com
8.3.3 DCP Auto-Detect
TPS2513A-Q1 and TPS2514A-Q1 integrate an auto-detect feature to support Divider 3 mode, shorted mode and
1.2 V modes. If a divider device is attached, 2.7 V is applied to the DP pin and 2.7 V is applied to the DM pin. If a
BC1.2-compliant device is attached, the TPS251xA-Q1 automatically switches into shorted mode. If a device
compliant with the 1.2 V / 1.2 V charging scheme is attached, 1.2 V is applied on both the DP pin and the DM
pin. The functional diagram of DCP auto-detect feature (DM1 and DP1) is shown in Figure 6. DCP auto-detect
feature (DM2 and DP2) has the same functional configuration.
Figure 6. DCP Auto-Detect Functional Diagram
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS2513A-Q1 TPS2514A-Q1


Similar Part No. - TPS2514AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TPS2514A DIODES-TPS2514A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2514A TI1-TPS2514A Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A-Q1 TI1-TPS2514A-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514ADBVR TI1-TPS2514ADBVR Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514ADBVT TI1-TPS2514ADBVT Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2514AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com