Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2559DRCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2559DRCT
Description  Precision Adjustable Current-Limited Power-Distribution Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2559DRCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2559DRCT Datasheet HTML 3Page - Texas Instruments TPS2559DRCT Datasheet HTML 4Page - Texas Instruments TPS2559DRCT Datasheet HTML 5Page - Texas Instruments TPS2559DRCT Datasheet HTML 6Page - Texas Instruments TPS2559DRCT Datasheet HTML 7Page - Texas Instruments TPS2559DRCT Datasheet HTML 8Page - Texas Instruments TPS2559DRCT Datasheet HTML 9Page - Texas Instruments TPS2559DRCT Datasheet HTML 10Page - Texas Instruments TPS2559DRCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
±0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
±50
0
50
100
150
Junction Temperature (
ƒC)
C005
8
10
12
14
16
18
±50
0
50
100
150
Junction Temperature (
ƒC)
C006
0
20
40
60
80
100
120
±50
0
50
100
150
Junction Temperature (
ƒC)
VIN=2.5 V
VIN=6.5 V
C003
V
IN = 2.5 V
V
IN = 6.5 V
0
20
40
60
80
100
120
140
±50
0
50
100
150
Junction Temperature (
ƒC)
VIN=2.5 V
VIN=6.5 V
C004
V
IN = 2.5 V
V
IN = 6.5 V
2.0
2.1
2.2
2.3
2.4
2.5
±50
0
50
100
150
Junction Temperature (
ƒC)
Rising
Falling
C001
0.0
0.1
0.2
0.3
0.4
0.5
0.6
±50
0
50
100
150
Junction Temperature (
ƒC)
C002
TPS2559
www.ti.com
SLVSCL5 – JUNE 2014
8.7 Typical Characteristics
VIN = 6.5 V
Figure 2. Supply Current, Output Disabled (IIN_OFF) vs
Figure 1. Under-voltage Lockout (UVLO) vs Temperature
Temperature
R(ILIM) = 100 KΩ
R(ILIM) = 24.9 KΩ
Figure 3. Supply Current, Output Enabled (IIN_ON) vs
Figure 4. Supply Current, Output Enabled (IIN_ON) vs
Temperature
Temperature
VOUT = 6.5 V
VIN = 5 V
Figure 5. Reverse Leakage Current (IREV) v. Temperature
Figure 6. Input-Output Resistance (RDS(on)) vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS2559


Similar Part No. - TPS2559DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559QWDRCRQ1 TI1-TPS2559QWDRCRQ1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559QWDRCTQ1 TI1-TPS2559QWDRCTQ1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
More results

Similar Description - TPS2559DRCT

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com