Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2561AQDRCTQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2561AQDRCTQ1
Description  Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2561AQDRCTQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2561AQDRCTQ1 Datasheet HTML 7Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 8Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 9Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 10Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 11Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 12Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 13Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 14Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
OUT1
OUT2
IN
IN
GND
FAULT 1
ILIM
EN2
24.9k
2x RFAULT
100 k
VIN = 5V
VOUT1
TPS2561A-Q1
0.1 uF
Faultx Signals
Power Pad
VOUT2
EN1
Control Signals
FAULT 2
2x 150 µF
TPS2561A-Q1
www.ti.com
SLVSCC6A – MARCH 2014 – REVISED JUNE 2014
10 Application and Implementation
10.1 Application Information
The device is current-limited, power-distribution switch. It would limit the output current to IOS when short circuits
or heavy capacitive loads are encountered.
10.2 Typical Application
10.2.1 Design Current Limit
Figure 12. Typical Characteristics Reference Schematic
10.2.1.1 Design Requirements
For this design example, use the following as the input parameters.
Table 1. Design Parameters
DESIGN PARAMTER
EXAMPLE VALUE
Input voltage
5V
Minimum current limit
2A
Maximum current limit
1A
10.2.1.2 Detailed Design Procedure
10.2.1.2.1
Determine Design Parameters
Beginning the design process requires deciding on a few parameters. The designer must know the following:
Input voltage
Minimum current limit
Maximum current limit
10.2.1.2.2
Programming the Current-Limit Threshold
The overcurrent threshold is user programmable via an external resistor, RILIM. RILIM sets the current-limit
threshold for both channels. The TPS2561A-Q1 use an internal regulation loop to provide a regulated voltage on
the ILIM pin. The current-limit threshold is proportional to the current sourced out of ILIM. The recommended 1%
resistor range for RILIM is 20 kΩ ≤ RILIM ≤ 187 kΩ to ensure stability of the internal regulation loop. Many
applications require that the minimum current limit is above a certain current level or that the maximum current
limit is below a certain current level, so it is important to consider the tolerance of the overcurrent threshold when
selecting a value for RILIM. The following equations calculates the resulting overcurrent threshold for a given
external resistor value (RILIM). The traces routing the RILIM resistor to the TPS2561A-Q1 should be as short as
possible to reduce parasitic effects on the current-limit accuracy.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS2561A-Q1


Similar Part No. - TPS2561AQDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2561A TI1-TPS2561A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2561ADRC TI1-TPS2561ADRC Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561ADRCR TI1-TPS2561ADRCR Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561ADRCT TI1-TPS2561ADRCT Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
More results

Similar Description - TPS2561AQDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2556-Q1 TI1-TPS2556-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com