Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2514ADBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2514ADBVR
Description  USB Dedicated Charging Port Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2514ADBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2514ADBVR Datasheet HTML 6Page - Texas Instruments TPS2514ADBVR Datasheet HTML 7Page - Texas Instruments TPS2514ADBVR Datasheet HTML 8Page - Texas Instruments TPS2514ADBVR Datasheet HTML 9Page - Texas Instruments TPS2514ADBVR Datasheet HTML 10Page - Texas Instruments TPS2514ADBVR Datasheet HTML 11Page - Texas Instruments TPS2514ADBVR Datasheet HTML 12Page - Texas Instruments TPS2514ADBVR Datasheet HTML 13Page - Texas Instruments TPS2514ADBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
D-
D+
GND
VBUS
5.0 V
2.7 V
2.0 V
D-
D+
GND
VBUS
5.0 V
2.0 V
2.7 V
D-
D+
GND
VBUS
5.0 V
2.7 V
2.7 V
D-
D+
GND
VBUS
200
Ÿ (max)
5.0 V
TPS2513, TPS2513A
TPS2514, TPS2514A
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
www.ti.com
The BC1.2 Specification defines the protocol necessary to allow portable equipment to determine what type of
port it is connected to so that it can allot its maximum allowable current drawn. The hand-shaking process is two
steps. During step one, the primary detection, the portable equipment outputs a nominal 0.6 V output on its D+
line and reads the voltage input on its D– line. The portable device concludes it is connected to a SDP if the
voltage is less than the nominal data detect voltage of 0.3 V. The portable device concludes that it is connected
to a Charging Port if the D– voltage is greater than the nominal data detect voltage of 0.3V and less than 0.8 V.
The second step, the secondary detection, is necessary for portable equipment to determine between a CDP and
a DCP. The portable device outputs a nominal 0.6 V output on its D– line and reads the voltage input on its D+
line. The portable device concludes it is connected to a CDP if the data line being remains is less than the
nominal data detect voltage of 0.3 V. The portable device concludes it is connected to a DCP if the data line
being read is greater than the nominal data detect voltage of 0.3 V and less than 0.8 V.
Dedicated Charging Port (DCP)
A dedicated charging port (DCP) is a downstream port on a device that outputs power through a USB connector,
but is not capable of enumerating a downstream device, which generally allows portable devices to fast charge at
their maximum rated current. A USB charger is a device with a DCP, such as a wall adapter or car power
adapter. A DCP is identified by the electrical characteristics of its data lines. The following DCP identification
circuits are usually used to meet the handshaking detections of different portable devices.
Short the D+ Line to the D– Line
The USB BC1.2 Specification and the Chinese Telecommunications Industry Standard YD/T 1591-2009 define
that the D+ and D– data lines should be shorted together with a maximum series impedance of 200
Ω. This is
shown in Figure 8.
Figure 8. DCP Short Mode
Divider DCP
There are three charging schemes for divider DCP. They are named after Divider 1, Divider 2, and Divider 3
DCPs that are shown in Figure 9, Figure 10, and Figure 11. The Divider 1 charging scheme is used for 5-W
adapters, and applies 2 V to the D+ line and 2.7 V to the D– data line. The Divider 2 charging scheme is used for
10-W adapters, and applies 2.7 V on the D+ line and 2 V is applied on the D– line. The Divider 3 charging
scheme is used for 12-W adapters, and applies 2.7V on D+ and D- lines.
Figure 9. Divider 1 DCP
Figure 10. Divider 2 DCP
Figure 11. Divider 3 DCP
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A


Similar Part No. - TPS2514ADBVR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TPS2514A DIODES-TPS2514A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2514A TI1-TPS2514A Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A-Q1 TI1-TPS2514A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514AQDBVRQ1 TI1-TPS2514AQDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514AQDBVTQ1 TI1-TPS2514AQDBVTQ1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2514ADBVR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com