Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2556QDRBRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2556QDRBRQ1
Description  Precision Automotive Adjustable Current-Limited Power-Distribution Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2556QDRBRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2556QDRBRQ1 Datasheet HTML 2Page - Texas Instruments TPS2556QDRBRQ1 Datasheet HTML 3Page - Texas Instruments TPS2556QDRBRQ1 Datasheet HTML 4Page - Texas Instruments TPS2556QDRBRQ1 Datasheet HTML 5Page - Texas Instruments TPS2556QDRBRQ1 Datasheet HTML 6Page - Texas Instruments TPS2556QDRBRQ1 Datasheet HTML 7Page - Texas Instruments TPS2556QDRBRQ1 Datasheet HTML 8Page - Texas Instruments TPS2556QDRBRQ1 Datasheet HTML 9Page - Texas Instruments TPS2556QDRBRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
0.000
0.200
0.400
0.600
0.800
1.000
1.200
0
50
100
150
200
V
(IN) J V(OUT) (mV)
TA = -40°C
TA = 25°C
TA = 125°C
C006
C007
T
A = J40SC
T
A = 25SC
T
A =125SC
C007
T
A = J40SC
T
A = 25SC
T
A =125SC
C007
T
J = J40SC
T
J = 25SC
T
J = 125SC
0
5
10
15
20
25
30
35
±50
0
50
100
150
Junction Temperature (
ƒC)
C005
6.00E-05
7.00E-05
8.00E-05
9.00E-05
1.00E-04
1.10E-04
1.20E-04
2
3
4
5
6
7
Input Voltage (V)
TJ =
±40
TJ = 25
TJ = 125
C004
T
J = J40ƒC
T
J = 25ƒC
T
J = 125ƒC
0
20
40
60
80
100
120
±50
0
50
100
150
Junction Temperature (
ƒC)
VIN = 2.5 V
VIN = 3.3 V
VIN = 5 V
VIN = 6.5 V
C003
V
(IN) = 2.5 V
V
(IN) = 3.3 V
V
(IN) = 5 V
V
(IN) = 6.5 V
2.290
2.295
2.300
2.305
2.310
2.315
2.320
2.325
2.330
2.335
±50
0
50
100
150
Junction Temperature (
ƒC)
UVLO Rising
UVLO Falling
C001
±100
0
100
200
300
400
500
600
700
±50
0
50
100
150
Junction Temperature (
ƒC)
VIN = 2.5 V
VIN = 6.5 V
C002
V
(IN) = 2.5 V
V
(IN) = 6.5 V
TPS2556-Q1, TPS2557-Q1
SLVSC97A – MARCH 2014 – REVISED MARCH 2014
www.ti.com
6.7 Typical Characteristics
Figure 1. UVLO – Undervoltage Lockout – V
Figure 2. IIN – Supply Current, Output Disabled – nA
R(ILIM) = 24.9 kΩ
R(ILIM) = 24.9 kΩ
Figure 3. IIN – Supply Current, Output Enabled – μA
Figure 4. IIN – Supply Current, Output Enabled – μA
R(ILIM) = 100 kΩ
Figure 5. MOSFET rDS(on) Versus Junction Temperature
Figure 6. Switch Current Versus Drain-Source Voltage
Across Switch
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS2556-Q1 TPS2557-Q1


Similar Part No. - TPS2556QDRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2556DRBR TI1-TPS2556DRBR Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2556DRBT TI1-TPS2556DRBT Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2556QDRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com