Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2556QDRBTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2556QDRBTQ1
Description  Precision Automotive Adjustable Current-Limited Power-Distribution Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2556QDRBTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2556QDRBTQ1 Datasheet HTML 1Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 2Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 3Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 4Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 5Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 6Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 7Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 8Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS2556-Q1, TPS2557-Q1
SLVSC97A – MARCH 2014 – REVISED MARCH 2014
www.ti.com
6.2 Handling Ratings
PARAMETER
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human-body model (HBM) ESD stress voltage(2)
–2
2
kV
Charged-device model (CDM) ESD stress voltage(3)
–750
750
V
V(ESD)
(1)
Contact discharge
–8
8
System level(4)
kV
Air discharge
–15
15
(1)
Electrostatic discharge (ESD) to measure device sensitivity or immunity to damage caused by assembly-line electrostatic discharges
into the device.
(2)
The passing level per AEC-Q100 Classification H2.
(3)
The passing level per AEC-Q100 Classification C5.
(4)
Surges per EN61000-4-2, 1999 applied between USB connection for V(BUS) and ground of the TPS2556EVM (HPA423, replacing
TPS2556 with TPS2556-Q1) evaluation module (SLUU393). These were the test levels, not the failure threshold.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
V(IN)
Input voltage, IN
2.5
6.5
V
V(EN)
TPS2556-Q1
0
6.5
Enable voltage
V
V(EN)
TPS2557-Q1
0
6.5
VIH
High-level input voltage on EN or EN
1.1
V
VIL
Low-level input voltage on EN or EN
0.66
I(OUT)
Continuous output current, OUT
0
5
A
Continuous FAULT sink current
0
10
mA
TJ
Operating junction temperature
–40
125
°C
R(ILIM)
Recommendedlimit-resistor range
20
187
k
Ω
6.4 Thermal Information
TPS2556-Q1,
TPS2557-Q1
THERMAL METRIC(1)
UNIT
DRB
8 TERMINALS
RθJA
Junction-to-ambient thermal resistance
41.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56
°C/W
RθJB
Junction-to-board thermal resistance
16.4
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
16.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS2556-Q1 TPS2557-Q1


Similar Part No. - TPS2556QDRBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2556DRBR TI1-TPS2556DRBR Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2556DRBT TI1-TPS2556DRBT Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2556QDRBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com