Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2556QDRBTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2556QDRBTQ1
Description  Precision Automotive Adjustable Current-Limited Power-Distribution Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2556QDRBTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2556QDRBTQ1 Datasheet HTML 6Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 7Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 8Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 9Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 10Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 11Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 12Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 13Page - Texas Instruments TPS2556QDRBTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
OUT
IN
GND
FAULT
ILIM
EN
20 kW
100 kW
Input
TPS2557-Q1
0.1 µF
Thermal Pad
R
LOAD
0.22 µF
Output
1 kW
C
LOAD
R
ILIM
R
FAULT
C
RETRY
TPS2556-Q1, TPS2557-Q1
SLVSC97A – MARCH 2014 – REVISED MARCH 2014
www.ti.com
Feature Description (continued)
8.3.3 Thermal Sense
The TPS2556-Q1 and TPS2557-Q1 devices self-protect by using two independent thermal sensing circuits that
monitor the operating temperature of the power switch and disable operation if the temperature exceeds
recommended operating conditions. The TPS2556-Q1 and TPS2557-Q1 devices operate in constant-current
mode during an overcurrent condition, which increases the voltage drop across power switch. The power
dissipation in the package is proportional to the voltage drop across the power switch, which increases the
junction temperature during an overcurrent condition. The first thermal sensor (OTSD) turns off the power switch
when the die temperature exceeds 135°C (min) and the part is in current limit. Hysteresis is built into the thermal
sensor, and the switch turns on after the device has cooled approximately 20°C.
The TPS2556-Q1 and TPS2557-Q1 devices also have a second thermal sensor (OTSD2). This thermal sensor
turns off the power switch when the die temperature exceeds 155°C (minimum) regardless of whether the power
switch is in current limit, and turns on the power switch after the device has cooled approximately 20°C. The
TPS2556-Q1 and TPS2557-Q1 devices continue to cycle off and on until the fault is removed.
8.4 Device Functional Modes
8.4.1 Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO
turnon threshold. Built-in hysteresis prevents unwanted on-and-off cycling due to input voltage droop during
turnon.
8.4.2 Enable (EN OR EN)
The logic enable controls the power switch and device supply current. The supply current is reduced to less than
2
μA when a logic high is present on EN or when a logic low is present on EN. A logic low input on EN or a logic
high input on EN enables the driver, control circuits, and power switch. The enable input is compatible with both
TTL and CMOS logic levels.
8.4.3 Auto-Retry Functionality
Some applications require that an overcurrent condition disable the device momentarily during a fault condition
and re-enables it after a preset time. This auto-retry functionality can be implemented with an external resistor
and capacitor. During a fault condition, FAULT pulls EN low. Pulling EN below the turnoff threshold disables the
part is disabled, and FAULT goes into the high-impedance state, allowing CRETRY to begin charging. The device
re-enables when the voltage on EN reaches the turnon threshold. The resistor-capacitor time constant
determines the auto-retry time. The device continues to cycle in this manner until removal of the fault condition.
Figure 12. Auto-Retry Functionality
Some applications require auto-retry functionality and the ability to enable and disable with an external logic
signal. Figure 13 shows how an external logic signal can drive EN through RFAULT and maintain auto-retry
functionality. The resistor-capacitor time constant determines the auto-retry time-out period.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS2556-Q1 TPS2557-Q1


Similar Part No. - TPS2556QDRBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2556DRBR TI1-TPS2556DRBR Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2556DRBT TI1-TPS2556DRBT Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2556QDRBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com