Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2556 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2556
Description  Precision Automotive Adjustable Current-Limited Power-Distribution Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2556 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2556 Datasheet HTML 1Page - Texas Instruments TPS2556 Datasheet HTML 2Page - Texas Instruments TPS2556 Datasheet HTML 3Page - Texas Instruments TPS2556 Datasheet HTML 4Page - Texas Instruments TPS2556 Datasheet HTML 5Page - Texas Instruments TPS2556 Datasheet HTML 6Page - Texas Instruments TPS2556 Datasheet HTML 7Page - Texas Instruments TPS2556 Datasheet HTML 8Page - Texas Instruments TPS2556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
GND
IN
IN
EN
FAULT
OUT
OUT
ILIM
1
2
3
4
5
6
7
8
EN = Active-low for the TPS2556-Q1
EN = Active-high for the TPS2557-Q1
Thermal
Pad
TPS2556-Q1, TPS2557-Q1
www.ti.com
SLVSC97A – MARCH 2014 – REVISED MARCH 2014
Device Comparison Table
MAX. OPERATING
DEVICE
OUTPUTS
ENABLES
TYPICAL rDS(on) (mΩ)
CURRENT (A)
TPS2556-Q1
5
1
Active-low
22
TPS2557-Q1
5
1
Active-high
22
TPS2561A-Q1
2.5
2
Active-high
44
5 Terminal Configuration and Functions
8-Terminal S-PVSON With Thermal Pad
DRB Package
(Top View)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
TPS2556-Q1
TPS2557-Q1
EN
4
I
Enable input, logic low turns on power switch
EN
4
I
Enable input, logic high turns on power switch
GND
1
1
Ground connection; connect externally to PowerPAD
IN
2, 3
2, 3
I
Input voltage; connect a 0.1
μF or greater ceramic capacitor from
IN to GND as close to the IC as possible.
FAULT
8
8
O
Active-low open-drain output, asserted during overcurrent or
overtemperature conditions.
OUT
6, 7
6, 7
O
Power-switch output
ILIM
5
5
O
External resistor used to set current-limit threshold; recommended
20 k
Ω ≤ R(ILIM) ≤ 187 kΩ.
Internally connected to GND; used to heat-sink the part to the
Thermal pad
circuit board traces. Connect therma pad to GND terminal
externally.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted
(1) (2)
MIN
MAX(2)
UNIT
Voltage range on IN, OUT, EN or EN, ILIM, FAULT
–0.3
7
V
Voltage range from IN to OUT
–7
7
V
I
Continuous output current
Internally limited
Continuous FAULT sink current
25
mA
ILIM source current
Internally limited
mA
TJ
Maximum junction temperature
–40
Internally limited
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltages are referenced to GND unless otherwise noted.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS2556-Q1 TPS2557-Q1


Similar Part No. - TPS2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2556DRBR TI1-TPS2556DRBR Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2556DRBT TI1-TPS2556DRBT Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com