Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3883CD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA3883CD
Description  SMPS Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3883CD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA3883CD Datasheet HTML 1Page - Fairchild Semiconductor KA3883CD Datasheet HTML 2Page - Fairchild Semiconductor KA3883CD Datasheet HTML 3Page - Fairchild Semiconductor KA3883CD Datasheet HTML 4Page - Fairchild Semiconductor KA3883CD Datasheet HTML 5Page - Fairchild Semiconductor KA3883CD Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Low Start Current 0.2mA (Typ)
• Operating Range Up To 500kHz
• Cycle by Cycle Current Limiting
• Under Voltage Lock Out With Hysteresis
• Short Shutdown Delay Time: Typ.100ns
• High Current Totem-Pole Output
• Output Swing Limiting: 22V
Description
The KA3882C/KA3883C is a fixed PWM controller for Off
Line and DC to DC converter applications. The internal
circuits include an UVLO, a low start up current circuit, a
temperature compensated reference, a high gain error
amplifier, a current sensing comparator, and the high current
totem-pole output for driving a POWER MOSFET. Also the
KA3882C/KA3883C provides low start-up current below
0.3mA and short shutdown delay time typ. 100ns. The
KA3882C has the UVLO threshold of 16V (on) and
10V(off). The KA3883C is 8.4V(on) and 7.6V(off). The
KA3882C and KA3883C can operate within 100% duty
cycle.
8-DIP
8-SOP
1
1
Internal Block Diagram
8
+
-
7
5
SET/
RESET
5V
VREF
Internal
Bias
Good LOGIC
2
R
S
OSCILLATOR
1
3
4
T
7
6
5
UVLO
29V
22V
1/3
Error Amp
1/2VREF
1V
C.S
Comp.
PWM
LATCH
VREF
VFB
COMP
C.S
RT/CT
OUTPUT
VCC
GND
PWR
VC
PWR
GND
KA3882C/KA3883C
SMPS Controller


Similar Part No. - KA3883CD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3883CD FAIRCHILD-KA3883CD Datasheet
48Kb / 6P
   SMPS Controller
KA3883CDTF FAIRCHILD-KA3883CDTF Datasheet
48Kb / 6P
   SMPS Controller
More results

Similar Description - KA3883CD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com