Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2322-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2322-Q1
Description  CMOS Operational Amplifier With Shutdown
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2322-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2322-Q1 Datasheet HTML 7Page - Texas Instruments OPA2322-Q1 Datasheet HTML 8Page - Texas Instruments OPA2322-Q1 Datasheet HTML 9Page - Texas Instruments OPA2322-Q1 Datasheet HTML 10Page - Texas Instruments OPA2322-Q1 Datasheet HTML 11Page - Texas Instruments OPA2322-Q1 Datasheet HTML 12Page - Texas Instruments OPA2322-Q1 Datasheet HTML 13Page - Texas Instruments OPA2322-Q1 Datasheet HTML 14Page - Texas Instruments OPA2322-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Time (µs)
Shutdown Signal
Output Signal
G000
−3
−2.4
−1.8
−1.2
−0.6
0
0.6
1.2
1.8
2.4
3
0
2
4
6
8
10
12
14
16
18
20
Time (µs)
Shutdown Signal
Output Signal
G000
−5
−4.5
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Time (µs)
Shutdown Signal
Output Signal
G000
120
100
80
60
40
20
0
100
Frequency(Hz)
1k
10k
100k
1M
PSRR
CMRR
−3
−2.4
−1.8
−1.2
−0.6
0
0.6
1.2
1.8
2.4
3
0
2
4
6
8
10
12
14
16
18
20
Time (µs)
Shutdown Signal
Output Signal
G000
OPA322-Q1, OPA322S-Q1
OPA2322-Q1, OPA2322S-Q1
OPA4322-Q1, OPA4322S-Q1
www.ti.com
SLOS856A – JUNE 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VCM = VOUT = mid-supply, and RL = 10 kΩ, unless otherwise noted.
CMRR AND PSRR versus FREQUENCY
TURN-OFF TRANSIENT
Figure 25.
Figure 26.
TURN-ON AND TURN-OFF TRANSIENT 5.5V
TURN-ON TRANSIENT
(High Supply)
Figure 27.
Figure 28.
TURN-ON AND TURN-OFF TRANSIENT 1.8V
(Low Supply)
Figure 29.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA322-Q1 OPA322S-Q1 OPA2322-Q1 OPA2322S-Q1 OPA4322-Q1 OPA4322S-Q1


Similar Part No. - OPA2322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2322-Q1 TI1-OPA2322-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA2322-Q1 TI1-OPA2322-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
More results

Similar Description - OPA2322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com