Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2197ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2197ID
Description  36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2197ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2197ID Datasheet HTML 7Page - Texas Instruments OPA2197ID Datasheet HTML 8Page - Texas Instruments OPA2197ID Datasheet HTML 9Page - Texas Instruments OPA2197ID Datasheet HTML 10Page - Texas Instruments OPA2197ID Datasheet HTML 11Page - Texas Instruments OPA2197ID Datasheet HTML 12Page - Texas Instruments OPA2197ID Datasheet HTML 13Page - Texas Instruments OPA2197ID Datasheet HTML 14Page - Texas Instruments OPA2197ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
OPA197, OPA2197, OPA4197
www.ti.com
SBOS737A – JANUARY 2016 – REVISED JULY 2016
Product Folder Links: OPA197 OPA2197 OPA4197
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.9 Typical Characteristics
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1, Figure 2, Figure 3
Offset Voltage Drift Distribution
Figure 4
Offset Voltage vs Temperature
Figure 5
Offset Voltage vs Common-Mode Voltage
Figure 6, Figure 7, Figure 8
Offset Voltage vs Power Supply
Figure 9
Open-Loop Gain and Phase vs Frequency
Figure 10
Closed-Loop Gain and Phase vs Frequency
Figure 11
Input Bias Current vs Common-Mode Voltage
Figure 12
Input Bias Current vs Temperature
Figure 13
Output Voltage Swing vs Output Current (maximum supply)
Figure 14, Figure 15
CMRR and PSRR vs Frequency
Figure 16
CMRR vs Temperature
Figure 17
PSRR vs Temperature
Figure 18
0.1-Hz to 10-Hz Noise
Figure 19
Input Voltage Noise Spectral Density vs Frequency
Figure 20
THD+N Ratio vs Frequency
Figure 21
THD+N vs Output Amplitude
Figure 22
Quiescent Current vs Supply Voltage
Figure 23
Quiescent Current vs Temperature
Figure 24
Open Loop Gain vs Temperature
Figure 25
Open Loop Output Impedance vs Frequency
Figure 26
Small Signal Overshoot vs Capacitive Load (100-mV output step)
Figure 27, Figure 28
No Phase Reversal
Figure 29
Positive Overload Recovery
Figure 30
Negative Overload Recovery
Figure 31
Small-Signal Step Response (100 mV)
Figure 32, Figure 33
Large-Signal Step Response
Figure 34
Settling Time
Figure 35, Figure 36, ,
Short-Circuit Current vs Temperature
Figure 37
Maximum Output Voltage vs Frequency
Figure 38
Propagation Delay Rising Edge
Figure 39
Propagation Delay Falling Edge
Figure 40


Similar Part No. - OPA2197ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2197 TI1-OPA2197 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA2197 TI-OPA2197 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA2197-Q1 TI1-OPA2197-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA2197-Q1 TI-OPA2197-Q1 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA2197QDGKRQ1 TI1-OPA2197QDGKRQ1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
More results

Similar Description - OPA2197ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
   Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
logo
Texas Instruments
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com