Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2592ZL Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2592ZL
Description  4.5-V to 18-V eFuse with Blocking FET Control
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2592ZL Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2592ZL Datasheet HTML 3Page - Texas Instruments TPS2592ZL Datasheet HTML 4Page - Texas Instruments TPS2592ZL Datasheet HTML 5Page - Texas Instruments TPS2592ZL Datasheet HTML 6Page - Texas Instruments TPS2592ZL Datasheet HTML 7Page - Texas Instruments TPS2592ZL Datasheet HTML 8Page - Texas Instruments TPS2592ZL Datasheet HTML 9Page - Texas Instruments TPS2592ZL Datasheet HTML 10Page - Texas Instruments TPS2592ZL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
205
210
215
220
225
230
-50
0
50
100
150
Temperature (
ƒC)
C010
0
50
100
150
0
2
4
6
8
10
C
dVdT (nF)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
C013
150
170
190
210
230
250
-50
0
50
100
150
Temperature (oC)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
V
IN (V)
125 °C
85 °C
25 °C
-40 °C
C003
4
4.05
4.1
4.15
4.2
4.25
4.3
4.35
-50
0
50
100
150
Temperature (
ƒC)
C001
0
0.05
0.1
0.15
0.2
0.25
0
5
10
15
20
V
IN (V)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
C002
Not Recommended for New Designs
TPS2592ZA, TPS2592ZL
www.ti.com
SLVSCU3 – DECEMBER 2014
8.7 Typical Characteristics
TJ = 25°C, VVIN = 12 V, VEN/UVLO = 2 V, RILIM = 45.3 kΩ, CVIN = 0.1 µF, COUT = 1 µF, CdVdT = OPEN (unless stated otherwise)
Figure 1. Input UVLO vs Temperature
Figure 2. IQOFF vs VIN
TPS2592Zx
Figure 4. TON vs Temperature
Figure 3. IVIN-ON vs VIN
TPS2592Zx
Figure 5. IdVdT vs Temperature
Figure 6. TdVdT vs CdVdT
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS2592ZA TPS2592ZL


Similar Part No. - TPS2592ZL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS2592ZL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Texas Instruments
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1_18 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com