Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4354AIPWTG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA4354AIPWTG4
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4354AIPWTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4354AIPWTG4 Datasheet HTML 4Page - Texas Instruments OPA4354AIPWTG4 Datasheet HTML 5Page - Texas Instruments OPA4354AIPWTG4 Datasheet HTML 6Page - Texas Instruments OPA4354AIPWTG4 Datasheet HTML 7Page - Texas Instruments OPA4354AIPWTG4 Datasheet HTML 8Page - Texas Instruments OPA4354AIPWTG4 Datasheet HTML 9Page - Texas Instruments OPA4354AIPWTG4 Datasheet HTML 10Page - Texas Instruments OPA4354AIPWTG4 Datasheet HTML 11Page - Texas Instruments OPA4354AIPWTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
OPA354, OPA2354, OPA4354
SBOS233F – MARCH 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA354 OPA2354 OPA4354
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
7.7 Electrical Characteristics: VS = 2.7 V to 5.5 V Single-Supply
At TA = 25°C, RF = 0 Ω, RL = 1 kΩ, and connected to VS/2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V, at TA = 25°C
±2
±8
mV
VS = 5 V, at TA = −40°C to 125°C
±10
dVOS/dT
Input offset voltage vs temperature
VS = 5 V, at TA = −40°C to 125°C
±4
µV/°C
PSRR
Input offset voltage vs power supply
VS = 2.7 V to 5.5 V,
VCM = (VS/2) − 0.55 V
±200
±800
µV/V
VS = 2.7 V to 5.5 V,
VCM = (VS/2) − 0.55 V,
at TA = −40°C to 125°C
±900
INPUT BIAS CURRENT
IB
Input bias current
3
±50
pA
IOS
Input offset current
±1
±50
pA
NOISE
en
Input voltage noise density
f = 1 MHz
6.5
nV/
√Hz
in
Current noise density
f = 1 MHz
50
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
(V
−) − 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
VS = 5.5 V, –0.1 V < VCM < 3.5 V,
at TA = 25°C
66
80
dB
VS = 5.5 V, –0.1 V < VCM < 3.5 V,
at TA = −40°C to 125°C
64
VS = 5.5 V, –0.1 V < VCM < 5.6 V,
at TA = 25°C
56
68
VS = 5.5 V, –0.1 V < VCM < 5.6 V,
at TA = −40°C to 125°C
55
INPUT IMPEDANCE
Differential
1013 || 2
Ω || pF
Common-mode
1013 || 2
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop gain
VS = 5.5 V, 0.3 V < VO < 4.7 V,
at TA = 25°C
94
110
dB
VS = 5 V, 0.4 V < VO < 4.6 V,
at TA = −40°C to 125°C
90
FREQUENCY RESPONSE
f−3dB
Small-signal bandwidth
At G = +1, VO = 100 mVPP,
RF = 25 Ω
250
MHz
At G = +2, VO = 100 mVPP
90
GBW
Gain-bandwidth product
G = +10
100
MHz
f0.1dB
Bandwidth for 0.1-dB gain flatness
At G = +2, VO = 100 mVPP
40
MHz
SR
Slew rate
VS = 5 V, G = +1, 4-V step
150
V/µs
VS = 5 V, G = +1, 2-V step
130
VS = 3 V, G = +1, 2-V step
110
Rise-and-fall time
At G = +1, VO = 200 mVPP,
10% to 90%
2
ns
At G = +1, VO = 2 VPP, 10% to 90%
11
Settling time
0.1%, VS = 5 V, G = +1,
2-V output step
30
ns
0.01%, VS = 5 V, G = +1,
2-V output step
60
Overload recovery time
VIN × Gain = VS
5
ns


Similar Part No. - OPA4354AIPWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354AIPWT TI-OPA4354AIPWT Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4354AIPWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com