Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4704UA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4704UA
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4704UA Datasheet(HTML) 2 Page - Texas Instruments

  OPA4704UA Datasheet HTML 1Page - Texas Instruments OPA4704UA Datasheet HTML 2Page - Texas Instruments OPA4704UA Datasheet HTML 3Page - Texas Instruments OPA4704UA Datasheet HTML 4Page - Texas Instruments OPA4704UA Datasheet HTML 5Page - Texas Instruments OPA4704UA Datasheet HTML 6Page - Texas Instruments OPA4704UA Datasheet HTML 7Page - Texas Instruments OPA4704UA Datasheet HTML 8Page - Texas Instruments OPA4704UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
OPA703, OPA704
2
SBOS180A
MINIMUM
PACKAGE
RECOMMENDED
DRAWING
PACKAGE
ORDERING
TRANSPORT
PRODUCT
DESCRIPTION
GAIN
PACKAGE
NUMBER
MARKING
NUMBER(1)
MEDIA
OPA703NA
Single, GBW = 1MHz
1
SOT23-5
331
A03
OPA703NA/250
Tape and Reel
""
"
"
"
"
OPA703NA/3K
Tape and Reel
OPA703UA
Single, GBW = 1MHz
1
SO-8
182
OPA703UA
OPA703UA
Rails
""
"
"
"
"
OPA703UA/2K5
Tape and Reel
OPA703PA
Single, GBW = 1MHz
1
DIP-8
006
OPA703PA
OPA703PA
Rails
OPA2703EA
Dual, GBW = 1MHz
1
MSOP-8
337
B03
OPA2703EA/250
Tape and Reel
""
"
"
"
"
OPA2703EA/2K5
Tape and Reel
OPA2703UA
Dual, GBW = 1MHz
1
SO-8
182
OPA2703UA
OPA2703UA
Rails
""
"
"
"
"
OPA2703UA/2K5
Tape and Reel
OPA2703PA
Dual, GBW = 1MHz
1
DIP-8
006
OPA2703PA
OPA2703PA
Rails
OPA4703EA
Quad, GBW = 1MHz
1
TSSOP-14
357
OPA4703EA
OPA4703EA/250
Tape and Reel
""
"
"
"
"
OPA4703EA/2K5
Tape and Reel
OPA4703UA
Quad, GBW = 1MHz
1
SO-14
235
OPA4703UA
OPA4703UA
Rails
""
"
"
"
"
OPA4703UA/2K5
Tape and Reel
OPA704NA
Single, GBW = 5MHz
5
SOT23-5
331
A04
OPA704NA/250
Tape and Reel
""
"
"
"
"
OPA704NA/3K
Tape and Reel
OPA704UA
Single, GBW = 5MHz
5
SO-8
182
OPA704UA
OPA704UA
Tape and Reel
""
"
"
"
"
OPA704UA/2K5
Tape and Reel
OPA704PA
Single, GBW = 5MHz
5
DIP-8
006
OPA704PA
OPA704PA
Rails
OPA2704EA
Dual, GBW = 5MHz
5
MSOP-8
337
B04
OPA2703EA/250
Tape and Reel
""
"
"
"
"
OPA2703EA/2K5
Tape and Reel
OPA2704UA
Dual, GBW = 5MHz
5
SO-8
182
OPA2704UA
OPA2704UA
Rails
""
"
"
"
"
OPA2704UA/2K5
Tape and Reel
OPA2704PA
Dual, GBW = 5MHz
5
DIP-8
006
OPA2704PA
OPA2704PA
Rails
OPA4704EA
Quad, GBW = 5MHz
5
TSSOP-14
357
OPA4704EA
OPA4704EA/250
Tape and Reel
""
"
"
"
"
OPA4704EA/2K5
Tape and Reel
OPA4704UA
Quad, GBW = 5MHz
5
SO-14
235
OPA4704UA
OPA4704UA
Rails
""
"
"
"
"
OPA4704UA/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /3K indicates 3000 devices per reel). Ordering 3000 pieces
of “OPA703NA/3K” will get a single 3000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
Supply Voltage, V+ to V– ................................................................. 13.2V
Signal Input Terminals, Voltage(2) ..................... (V–) –0.3V to (V+) +0.3V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may
degrade device reliability. (2) Input terminals are diode-clamped to the power
supply rails. Input signals that can swing more than 0.3V beyond the supply
rails should be current-limited to 10mA or less. (3) Short-circuit to ground,
one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.


Similar Part No. - OPA4704UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4704UA TI-OPA4704UA Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA4704UA BURR-BROWN-OPA4704UA Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4704UA/2K5 TI-OPA4704UA/2K5 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4704UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com