Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4277-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4277-EP
Description  High Precision Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4277-EP Datasheet(HTML) 5 Page - Texas Instruments

  OPA4277-EP Datasheet HTML 1Page - Texas Instruments OPA4277-EP Datasheet HTML 2Page - Texas Instruments OPA4277-EP Datasheet HTML 3Page - Texas Instruments OPA4277-EP Datasheet HTML 4Page - Texas Instruments OPA4277-EP Datasheet HTML 5Page - Texas Instruments OPA4277-EP Datasheet HTML 6Page - Texas Instruments OPA4277-EP Datasheet HTML 7Page - Texas Instruments OPA4277-EP Datasheet HTML 8Page - Texas Instruments OPA4277-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA4277-EP
www.ti.com
SBOS714 – NOVEMBER 2014
6.5 Electrical Characteristics
At TJ = 25°C, and RL = 2 kΩ, VS = ±5 to ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage
±20
±65
VOS
µV
Input offset voltage over temperature TJ = –55°C to 125°C
±140
dVOS/dT
Input offset voltage drift
±0.15
µV/°C
vs time
0.2
µV/mo
vs power supply, VS = ±2 to ±18 V
±0.3
±1
µV/V
PSRR
Input offset voltage
TJ = –55°C to 125°C; VS = ±2 to
±1
µV/V
±18 V
Channel separation
dc
0.1
µV/V
INPUT BIAS CURRENT
±0.5
±2.8
IB
Input bias current
nA
TJ = –55°C to 125°C
±7.5
±0.5
±2.8
IOS
Input offset current
nA
TJ = –55°C to 125°C
±7.5
NOISE
Input voltage noise
ƒ = 0.1 to 10 Hz
0.22
µVpp
ƒ = 10 Hz
12
ƒ = 100 Hz
8
en
Input voltage noise density
nV/
√Hz
ƒ = 1 kHz
8
ƒ = 10 kHz
8
in
Current noise density
ƒ = 1 kHz
0.2
pA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage range
(V–) + 2
(V+) – 2
V
VCM = (V–) + 2 V to (V+) – 2 V
115
140
CMRR
Common-mode rejection
dB
TJ = –55°C to 125°C; VCM = (V–) + 2
115
V to (V+) – 2 V
INPUT IMPEDANCE
Differential
100 || 3
M
Ω || pF
Common mode
VCM = (V–) + 2 V to (V+) – 2 V
250 || 3
G
Ω || pF
OPEN-LOOP GAIN
VO = (V–) + 0.5 V to (V+) – 1.2 V,
140
RL = 10 kΩ
VO = (V–) + 1.5 V to (V+) – 1.5 V,
AOL
Open-loop voltage gain
126
134
dB
RL = 2 kΩ
TJ = –55°C to 125°C; VO = (V–) +
126
1.5 V to (V+) – 1.5 V, RL = 2 kΩ
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
1
MHz
SR
Slew rate
0.8
V/µs
0.1%, VS = ±15 V, G = 1, 10-V step
14
Setting time
µs
0.01%, VS = ±15 V, G = 1, 10-V step
16
THD + N
Total harmonic distortion + noise
1 kHz, G = 1, VO = 3.5 Vrms
0.002%
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - OPA4277-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277-EP TI-OPA4277-EP Datasheet
390Kb / 20P
[Old version datasheet]   OPA4277-EP High Precision Operational Amplifier
OPA4277-EP TI-OPA4277-EP Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
More results

Similar Description - OPA4277-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
[Old version datasheet]   High-Precision Operational Amplifier
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
   High Precision Operational Amplifier
logo
Texas Instruments
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
   Precision, High Speed Operational Amplifier
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
   PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
   HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
ADA4700-1 AD-ADA4700-1 Datasheet
140Kb / 10P
   High Voltage, Precision Operational Amplifier
Rev. PrB
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
   Precision, High Speed Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com