Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA551 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA551
Description  High-Voltage, High-Current Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA551 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA551 Datasheet HTML 7Page - Texas Instruments OPA551 Datasheet HTML 8Page - Texas Instruments OPA551 Datasheet HTML 9Page - Texas Instruments OPA551 Datasheet HTML 10Page - Texas Instruments OPA551 Datasheet HTML 11Page - Texas Instruments OPA551 Datasheet HTML 12Page - Texas Instruments OPA551 Datasheet HTML 13Page - Texas Instruments OPA551 Datasheet HTML 14Page - Texas Instruments OPA551 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Flag
V-IN
V+IN
V-
V+
VO
Differential
Amplifier
Voltage
Amplifier
High Current
Output Stage
Thermal
Shutdown and
Flag Output
OPA551, OPA552
www.ti.com
SBOS100B – JULY 1999 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The OPA55x devices are low-cost, laser-trimmed, operational amplifiers that feature outstanding low-level
accuracy coupled with high output swing. High device performance is maintained as these amplifiers swing to the
specified device limits in a wide range of applications. The OPA551 is unity-gain stable while the OPA552 is
optimized for gains of 5 or greater.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Thermal Shutdown
Internal thermal shutdown circuitry shuts down the output when the die temperature reaches approximately
160°C and resets when the die has cooled to 140°C. The flag pin can be monitored to determine if shutdown has
occurred. During normal operation, the current source from the flag pin is less than 50 nA. During shutdown, the
flag pin sources 120 µA (typical).
7.3.2 Current Limit
The OPA55x devices are designed with internal current-limiting circuitry that limits the output current to
approximately 380 mA. The current limit varies with increasing junction temperature as shown in (Figure 11).
This feature, in combination with the thermal protection circuitry, provides protection from many types of overload
conditions, including short-circuit to ground.
7.3.3 Input Protection
The OPA55x features internal clamp diodes to protect the inputs when voltages beyond the supply rails are
encountered. However, input current must be limited to 5 mA. In some cases, an external series resistor may be
required. Many input signals are inherently current-limited; therefore, a limiting resistor may not be required.
Consider that a large series resistor, in conjunction with the input capacitance, can affect stability.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA551 OPA552


Similar Part No. - OPA551

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551 TI-OPA551 Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA551 TI-OPA551 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI-OPA551 Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com