Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA544FKTTT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA544FKTTT
Description  High-Voltage, High-Current High-Voltage, High-Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA544FKTTT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA544FKTTT Datasheet HTML 3Page - Texas Instruments OPA544FKTTT Datasheet HTML 4Page - Texas Instruments OPA544FKTTT Datasheet HTML 5Page - Texas Instruments OPA544FKTTT Datasheet HTML 6Page - Texas Instruments OPA544FKTTT Datasheet HTML 7Page - Texas Instruments OPA544FKTTT Datasheet HTML 8Page - Texas Instruments OPA544FKTTT Datasheet HTML 9Page - Texas Instruments OPA544FKTTT Datasheet HTML 10Page - Texas Instruments OPA544FKTTT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
®
8
OPA544
FIGURE 4. Motor Drive Circuit.
G = –
= –4
R
2
R
1
1
0.01µF
R
2
20k
R
1
5k
OPA544
V–
V+
V
IN
Motor
D
1
D
2
D
1, D2 : Motorola MUR420 Fast Recovery Rectifier.
OPA602
10k
OPA544
40k
0-1mA
DAC7801
12-bit
M-DAC
10V
REF102
+30V
+5V
20pF
20k
1
0.01µF
1µH
4.7k
470pF
10k
10
V
O
±20V
at 2A
Output series L/R
network helps assure
stability with very high
capacitance loads.
–30V
+30V
8-bit
data port
(8 + 4 bits)
FIGURE 5. Digitally Programmable Power Supply.


Similar Part No. - OPA544FKTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA544FKTTT TI-OPA544FKTTT Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA544FKTTT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3725 STMICROELECTRONICS-2N3725 Datasheet
88Kb / 6P
   HIGH VOLTAGE, HIGH CURRENT SWITCH
January 1989
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
   High AC Voltage - High current
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
   High AC Voltage - High current
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
   High AC Voltage - High current
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
   High AC Voltage - High current
logo
National Semiconductor ...
DH0011A NSC-DH0011A Datasheet
85Kb / 4P
   High Voltage High Current Driver
logo
Illinois Capacitor, Inc...
LC2 ILLINOISCAPACITOR-LC2 Datasheet
610Kb / 3P
   High AC Voltage - High current
HC2 ILLINOISCAPACITOR-HC2 Datasheet
837Kb / 4P
   High AC Voltage - High current
logo
High Voltage Power Solu...
CS459S8 HVPSI-CS459S8 Datasheet
90Kb / 1P
   High Voltage - High Current Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com