Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4354AQPWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4354AQPWRQ1
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4354AQPWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  OPA4354AQPWRQ1 Datasheet HTML 1Page - Texas Instruments OPA4354AQPWRQ1 Datasheet HTML 2Page - Texas Instruments OPA4354AQPWRQ1 Datasheet HTML 3Page - Texas Instruments OPA4354AQPWRQ1 Datasheet HTML 4Page - Texas Instruments OPA4354AQPWRQ1 Datasheet HTML 5Page - Texas Instruments OPA4354AQPWRQ1 Datasheet HTML 6Page - Texas Instruments OPA4354AQPWRQ1 Datasheet HTML 7Page - Texas Instruments OPA4354AQPWRQ1 Datasheet HTML 8Page - Texas Instruments OPA4354AQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Out D
14
±In D
13
+In D
12
Out A 1
±In A 2
+In A 3
±
±
A
D
11
V+ 4
+In C
10
±In C
9
Out C
8
+In B 5
±In B 6
Out B 7
±
±
B
C
+
+
V+
8
Out B
7
±In B
6
+In B
Out A 1
±In A 2
+In A 3
+
+
A
B
5
4
4
V+
±In
+In
Out
5
1
2
3
3
OPA354A-Q1, OPA2354A-Q1, OPA4354-Q1
www.ti.com
SBOS492E – JUNE 2009 – REVISED AUGUST 2016
Product Folder Links: OPA354A-Q1 OPA2354A-Q1 OPA4354-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
OPA354A-Q1 Top View
DGK Package
8-Pin VSSOP
OPA2354A-Q1 Top View
PW Package
14-Pin TSSOP
OPA4354-Q1 Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OPA354A-Q1
SOT-23
OPA2354A-Q1
VSSOP
OPA4354-Q1
TSSOP
+In
3
I
Noninverting input
–In
4
I
Inverting input
+In A
3
3
I
Noninverting input, Channel A
–In A
2
2
I
Inverting input, Channel A
+In B
5
5
I
Noninverting input, Channel B
–In B
6
6
I
Inverting input, Channel B
+In C
10
I
Noninverting input, Channel C
–In C
9
I
Inverting input, Channel C
+In D
12
I
Noninverting input, Channel D
–In D
13
I
Inverting input, Channel D
Out
1
O
Output
Out A
1
1
O
Output, Channel A
Out B
7
7
O
Output, Channel B
Out C
8
O
Output, Channel C
Out D
14
O
Output, Channel D
V+
5
8
4
Positive (highest) supply
V–
2
4
11
Negative (lowest) supply


Similar Part No. - OPA4354AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354AID TI-OPA4354AID Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354AID TI1-OPA4354AID Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354AIDG4 TI1-OPA4354AIDG4 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354AIDR TI-OPA4354AIDR Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354AIDR TI1-OPA4354AIDR Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA4354AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com