Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FAKTWT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FAKTWT
Description  High-Voltage, High-Current Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FAKTWT Datasheet(HTML) 4 Page - Texas Instruments

  OPA552FAKTWT Datasheet HTML 1Page - Texas Instruments OPA552FAKTWT Datasheet HTML 2Page - Texas Instruments OPA552FAKTWT Datasheet HTML 3Page - Texas Instruments OPA552FAKTWT Datasheet HTML 4Page - Texas Instruments OPA552FAKTWT Datasheet HTML 5Page - Texas Instruments OPA552FAKTWT Datasheet HTML 6Page - Texas Instruments OPA552FAKTWT Datasheet HTML 7Page - Texas Instruments OPA552FAKTWT Datasheet HTML 8Page - Texas Instruments OPA552FAKTWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply, VS = (V+) to (V–)
60
V
Input voltage range, VIN
(V–) – 0.5
(V+) + 0.5
V
Output
See SOA Curve (Safe Operating Area)
Operating temperature, TA
–55
125
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage
8 (±4)
60 (±30)
V
Specified temperature
–40
125
°C
6.4 Thermal Information
OPA551, OPA552
D
P
KTW
THERMAL METRIC(1)
UNIT
(SOIC)
(PDIP)
(DDPAK/TO-263)
8 PINS
8 PINS
7 PINS
RθJA
Junction-to-ambient thermal resistance
96.7
44.1
22.7
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
38.7
31.8
34.7
°C/W
RθJB
Junction-to-board thermal resistance
38.2
21.4
7.7
°C/W
ψJT
Junction-to-top characterization parameter
3.7
9.1
3.3
°C/W
ψJB
Junction-to-board characterization parameter
37.5
21.2
7.7
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
0.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552


Similar Part No. - OPA552FAKTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA552FAKTWT TI-OPA552FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA552FAKTWT TI1-OPA552FAKTWT Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA552FAKTWTG3 TI1-OPA552FAKTWTG3 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA552FAKTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com