Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS26600 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS26600
Description  TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS26600 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS26600 Datasheet HTML 6Page - Texas Instruments TPS26600 Datasheet HTML 7Page - Texas Instruments TPS26600 Datasheet HTML 8Page - Texas Instruments TPS26600 Datasheet HTML 9Page - Texas Instruments TPS26600 Datasheet HTML 10Page - Texas Instruments TPS26600 Datasheet HTML 11Page - Texas Instruments TPS26600 Datasheet HTML 12Page - Texas Instruments TPS26600 Datasheet HTML 13Page - Texas Instruments TPS26600 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
0
50
100
150
200
250
300
350
400
450
D014
TA = 125qC
TA = 85qC
TA = 25qC
TA = -40qC
Reverse Supply Voltage (V)
-60
-50
-40
-30
-20
-10
0
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D015
TA = 125qC
TA = 85qC
TA = 25qC
TA = -40qC
Temperature (qC)
-50
0
50
100
150
3.6
3.65
3.7
3.75
3.8
3.85
3.9
3.95
4
D012
V(PORR) (V)
V(PORF) (V)
Supply Voltage (V)
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
D013
TA = 125qC
TA = 85qC
TA = 25qC
TA = -40qC
Temperature (qC)
-50
0
50
100
150
13.6
13.8
14
14.2
14.4
14.6
14.8
15
15.2
D009
V(UVLOR) (V)
V(UVLOF) (V)
Temperature (qC)
-50
0
50
100
150
36
37
38
39
40
D010
V(OVC) (V)
10
TPS2660
SLVSDG2A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS2660
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
–40°C
≤ TA = TJ ≤ +125°C, V(IN) = 24 V, V(SHDN)= 2 V, R(ILIM) = 120 kΩ, IMON = FLT = OPEN, C(OUT) = 1 μF, C(dVdT) = OPEN.
(Unless stated otherwise)
Figure 7. Internal UVLO Threshold vs Temperature
Figure 8. Overvoltage Clamp Threshold vs Temperature
Figure 9. Internal POR Threshold Voltage vs Temperature
Figure 10. Input Supply Current vs Supply Voltage in
Shutdown
Figure 11. Input Supply Current vs Supply Voltage During
Normal Operation
V(OUT) = 0 V
Figure 12. Input Supply Current vs Reverse Supply
Voltage, – V(IN)


Similar Part No. - TPS26600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS26600 TI1-TPS26600 Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600PWPR TI1-TPS26600PWPR Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600PWPT TI1-TPS26600PWPT Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600RHFR TI1-TPS26600RHFR Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600RHFT TI1-TPS26600RHFT Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
More results

Similar Description - TPS26600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660_17 Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
[Old version datasheet]   TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com