Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2833D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2833D
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2833D Datasheet(HTML) 3 Page - Texas Instruments

  TPS2833D Datasheet HTML 1Page - Texas Instruments TPS2833D Datasheet HTML 2Page - Texas Instruments TPS2833D Datasheet HTML 3Page - Texas Instruments TPS2833D Datasheet HTML 4Page - Texas Instruments TPS2833D Datasheet HTML 5Page - Texas Instruments TPS2833D Datasheet HTML 6Page - Texas Instruments TPS2833D Datasheet HTML 7Page - Texas Instruments TPS2833D Datasheet HTML 8Page - Texas Instruments TPS2833D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
low-side driver
The low-side driver is designed to drive low Rds(on) N-channel MOSFETs. The current rating of the driver is
2 A, source and sink.
high-side driver
The high-side driver is designed to drive low Rds(on) N-channel MOSFETs. The current rating of the driver is
2 A, source and sink. The high-side driver can be configured as a ground-reference driver or a floating bootstrap
driver. The internal bootstrap diode, is a Schottky for improved drive efficiency. The maximum voltage that can
be applied between the BOOT terminal and ground is 30 V.
dead-time (DT) control
Dead-time control prevents shoot through current from flowing through the main power FETs during switching
transitions by controlling the turn-on times of the MOSFET drivers. The high-side driver is not allowed to turn
on until the gate drive voltage to the low-side FET is low, and the low-side driver is not allowed to turn on until
the voltage at the junction of the power FETs (Vdrain) is low; the DT terminal connects to the junction of the power
FETs.
IN
The IN terminal is a digital terminal that is the input control signal for the drivers. The TPS2832 has a noninverting
input; the TPS2833 has an inverting input.
†High-level input voltages on IN and DT must be greater than or equal to 0.7VCC.


Similar Part No. - TPS2833D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2833D TI-TPS2833D Datasheet
179Kb / 14P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
More results

Similar Description - TPS2833D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com