Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3305-25DG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3305-25DG4
Description  DUAL PROCESSOR SUPERVISORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3305-25DG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3305-25DG4 Datasheet HTML 1Page - Texas Instruments TPS3305-25DG4 Datasheet HTML 2Page - Texas Instruments TPS3305-25DG4 Datasheet HTML 3Page - Texas Instruments TPS3305-25DG4 Datasheet HTML 4Page - Texas Instruments TPS3305-25DG4 Datasheet HTML 5Page - Texas Instruments TPS3305-25DG4 Datasheet HTML 6Page - Texas Instruments TPS3305-25DG4 Datasheet HTML 7Page - Texas Instruments TPS3305-25DG4 Datasheet HTML 8Page - Texas Instruments TPS3305-25DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
DISSIPATION RATINGS TABLE
TPS3305
SLVS198C – DECEMBER 1998 – REVISED MARCH 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
NOMINAL SUPERVISED VOLTAGE
THRESHOLD VOLTAGE (TYP)
DEVICE
SENSE1
SENSE2
SENSE1
SENSE2
TPS3305-18
3.3 V
1.8 V
2.93 V
1.68 V
TPS3305-25
3.3 V
2.5 V
2.93 V
2.25 V
TPS3305-33
5.0 V
3.3 V
4.55 V
2.93 V
(1)
For the most current specifications and package information, see the Package Option Addendum at the end of this document, or see the
TI website at www.ti.com.
Over operating junction temperature range (unless otherwise noted).
UNIT
Supply voltage range, VDD
–0.3V to +7V
VMR, VWDI
–0.3V to VDD + 0.3V
Input voltage at SENSE1 and SENSE2, VI
(VDD + 0.3)VIT / 1.25V
VRESET, VRESET
–0.3V to +7V
Maximum low output current, IOL
5mA
Maximum high output current, IOH
–5mA
Input clamp current, IIK (VI < 0 or VI > VDD)
±20mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±20mA
Continuous total power dissipation
See Dissipation Ratings Table
Operating junction temperature range, TJ
–40
°C to +85°C
Storage temperature range, Tstg
–65
°C to +150°C
Soldering temperature
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
TA ≤ +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
PACKAGE
POWER RATING
ABOVE TA = +25°C
POWER RATING
POWER RATING
DGN
2.14W
17.1mW/
°C
1.37W
1.11W
D
725mW
5.8mW/
°C
464mW
377mW
2
Submit Documentation Feedback
Copyright © 1998–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS3305


Similar Part No. - TPS3305-25DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-25DGN TI-TPS3305-25DGN Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
More results

Similar Description - TPS3305-25DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13305 AD-ADM13305 Datasheet
312Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com