Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3513 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3513
Description  PC POWER SUPPLY SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3513 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3513 Datasheet HTML 1Page - Texas Instruments TPS3513 Datasheet HTML 2Page - Texas Instruments TPS3513 Datasheet HTML 3Page - Texas Instruments TPS3513 Datasheet HTML 4Page - Texas Instruments TPS3513 Datasheet HTML 5Page - Texas Instruments TPS3513 Datasheet HTML 6Page - Texas Instruments TPS3513 Datasheet HTML 7Page - Texas Instruments TPS3513 Datasheet HTML 8Page - Texas Instruments TPS3513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PGI
GND
FPO
PSON
IS12
RI
NC
PGO
VDD
VS5
VS33
VS12
IS33
IS5
D OR N PACKAGE
(TOP VIEW)
NC – No internal connection
PGI
GND
FPO
PSON
IS12
RI
NC
PGO
VDD
VS5
VS33
VS12
IS33
IS5
5 V
3.3 V
12 V
TPS3513
560
56 k
R2
R1
470 k
1 k
820
1.5 k
0.01
0.01
0.01
IO
5 V VSB
12 V
5 V
3.3 V
5 V VSB
PG
From Transformer
System Side
Power Supply
Output Side
Max
Output Current
Over Current
Protection Trip Point
12 V
5 V
3.3 v
6 A
16 A
9 A
9.2 A
24.6 A
13.5 A
Over current protection trip point can be programmable.
TPS3513
www.ti.com
SLVS313B – FEBRUARY 2001 – REVISED SEPTEMBER 2010
PC POWER SUPPLY SUPERVISOR
Check for Samples: TPS3513
1
FEATURES
Overvoltage Protection and Lockout for 12 V,
5 V, and 3.3 V
Overcurrent Protection and Lockout for 12 V,
5 V, and 3.3 V
Undervoltage Protection and Lockout for 12 V,
and Undervoltage Detect for 5 V and 3.3 V
Fault-Protection Output With Open Drain
Output Stage
Open-Drain, Power Good Output Signal for
Power-Good Input, 3.3 V and 5 V
300-ms Power-Good Delay
DESCRIPTION
75-ms Delay for 5-V and 3.3-V Power Supply
Short-Circuit Turnon Protection
The TPS3513 is designed to optimize PC switching
power
supply
system
with
minimum
external
2.3 ms PSON Control to FPO Turnoff Delay
components.
It
provides
undervoltage
lockout
38 ms PSON Control Debounce
(UVLO), protection circuits, power good indicator, and
Wide Supply Voltage Range From 4.5 V
on/off control.
to 15 V
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3513 TI-TPS3513 Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513D TI-TPS3513D Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513DR TI-TPS3513DR Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513N TI-TPS3513N Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3513

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com