Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3305-25DGNR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3305-25DGNR
Description  DUAL PROCESSOR SUPERVISORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3305-25DGNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3305-25DGNR Datasheet HTML 3Page - Texas Instruments TPS3305-25DGNR Datasheet HTML 4Page - Texas Instruments TPS3305-25DGNR Datasheet HTML 5Page - Texas Instruments TPS3305-25DGNR Datasheet HTML 6Page - Texas Instruments TPS3305-25DGNR Datasheet HTML 7Page - Texas Instruments TPS3305-25DGNR Datasheet HTML 8Page - Texas Instruments TPS3305-25DGNR Datasheet HTML 9Page - Texas Instruments TPS3305-25DGNR Datasheet HTML 10Page - Texas Instruments TPS3305-25DGNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
1
0.5
0
0 −0.5
−1 −1.5 −2 −2.5 −3
1.5
2
2.5
−3.5 −4
−5
−6
−4.5
−5.5
I
-High-LevelOutputCurrent-mA
OH
V
DD =2V
MR =Open
+85 C
°
-40 C
°
3.5
3
2
0
0
−5
−10
−15
−20
−25
−30
4.5
6
6.5
−35
−40
−45
−50
5.5
5
4
2.5
1.5
1
0.5
I
-High-LevelOutputCurrent-mA
OH
V
DD =6V
MR =Open
+85 C
°
-40 C
°
1
0.5
0
0
0.5
1
1.5
2
3
3.5
1.5
2
2.5
4
4.5
5.5
6
2.5
5
V
DD =2V
MR =Open
+85 C
°
-40 C
°
I
-Low-LevelOutputCurrent-mA
OL
3.5
3
1.5
0
0
5
10
15
20
30
35
4.5
5.5
6.5
40
50
55
60
6
5
4
2.5
2
1
0.5
25
45
I
-Low-LevelOutputCurrent-mA
OL
V
DD =6V
MR =Open
+85 C
°
-40 C
°
TPS3305
SLVS198C – DECEMBER 1998 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 5.
Figure 6.
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 1998–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS3305


Similar Part No. - TPS3305-25DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-25DGN TI-TPS3305-25DGN Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
More results

Similar Description - TPS3305-25DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13305 AD-ADM13305 Datasheet
312Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com