Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA631 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA631
Description  OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA631 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA631 Datasheet HTML 3Page - Texas Instruments OPA631 Datasheet HTML 4Page - Texas Instruments OPA631 Datasheet HTML 5Page - Texas Instruments OPA631 Datasheet HTML 6Page - Texas Instruments OPA631 Datasheet HTML 7Page - Texas Instruments OPA631 Datasheet HTML 8Page - Texas Instruments OPA631 Datasheet HTML 9Page - Texas Instruments OPA631 Datasheet HTML 10Page - Texas Instruments OPA631 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
OPA631, OPA632
7
SBOS066A
TYPICAL PERFORMANCE CURVES: VS = +5V (Cont.)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 1).
–30
–40
–50
–60
–70
–80
–90
2nd-HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
1
0.1
10
V
O = 2Vp-p
R
L = 150Ω
G = +2
G = +5
G = +10
–30
–40
–50
–60
–70
–80
–90
3rd-HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
1
0.1
10
V
O = 2Vp-p
R
L = 150Ω
G = +2
G = +5
G = +10
–30
–40
–50
–60
–70
–80
–90
HARMONIC DISTORTION vs LOAD RESISTANCE
R
L (Ω)
100
200
300
400
500
V
O = 2Vp-p
f
O = 5MHz
3rd-Harmonic Distortion
2nd-Harmonic Distortion
80
75
70
65
60
55
50
45
40
35
30
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
CMRR
PSRR
100
10
1
INPUT NOISE DENSITY vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
Voltage Noise, e
ni = 6.0nV/√Hz
Current Noise, i
ni = 1.9pA/√Hz
–30
–40
–50
–60
–70
–80
–90
TWO-TONE, 3rd-ORDER
INTERMODULATION SPURIOUS
Single-Tone Load Power (dBm)
–16
–14
–12
–10
–8
–6
–4
–20
Load Power at
Matched 50
Ω Load
f
O = 10MHz
f
O = 1MHz
f
O = 5MHz


Similar Part No. - OPA631

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA631 BURR-BROWN-OPA631 Datasheet
176Kb / 17P
   Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA631 TI-OPA631 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA631 TI1-OPA631 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA631 TI1-OPA631 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA631 TI1-OPA631 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA631

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com