Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA623AD Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA623AD
Description  OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA623AD Datasheet(HTML) 3 Page - Texas Instruments

  OPA623AD Datasheet HTML 1Page - Texas Instruments OPA623AD Datasheet HTML 2Page - Texas Instruments OPA623AD Datasheet HTML 3Page - Texas Instruments OPA623AD Datasheet HTML 4Page - Texas Instruments OPA623AD Datasheet HTML 5Page - Texas Instruments OPA623AD Datasheet HTML 6Page - Texas Instruments OPA623AD Datasheet HTML 7Page - Texas Instruments OPA623AD Datasheet HTML 8Page - Texas Instruments OPA623AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
®
OPA623
OPA623AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SPECIFICATIONS
At VCC = ±5VDC, IQ = ±4mA, RL = 100Ω, RIN = 210Ω, and TAMB = +25°C, unless otherwise specified.
FREQUENCY DOMAIN
Large Signal
VO = 2.8Vp-p, Gain = +1V/V
340
MHz
Closed-Loop Bandwidth (–3dB)
VO = 2.8Vp-p, Gain = +2V/V
350
MHz
VO = 2.8Vp-p, Gain = +5V/V
260
MHz
VO = 2.8Vp-p, Gain = +10V/V
210
MHz
VO = 2.8Vp-p, Gain = –1V/V
360
MHz
VO = 2.8Vp-p, Gain = –2V/V
330
MHz
VO = 5.0Vp-p, Gain = +2V/V
240
MHz
SMALL SIGNAL BANDWIDTH
VO = 0.2Vp-p, Gain = +2V/V
290
MHz
GROUP DELAY TIME
Pin 3 to Pin 6, Gain = +2V/V
1.2
ns
DIFFERENTIAL GAIN
G = +2V/V, f = 4.43MHz, RL = 150Ω
VO = +1.4V
0.12
%
DIFFERENTIAL PHASE
G = +2V/V, f = 4.43MHz, RL = 150Ω
VO = +1.4V
0.05
Degrees
HARMONIC DISTORTION
Gain = +2V/V
Second Harmonic
f = 10MHz, VO = 2.0Vp-p
–56
dBc
Third Harmonic
–59
dBc
Second Harmonic
f = 30MHz, VO = 2.0Vp-p
–30
dBc
Third Harmonic
–37
dBc
Second Harmonic
f = 50MHz, VO = 2.0Vp-p
–30
dBc
Third Harmonic
–33
dBc
GAIN FLATNESS PEAKING
Gain = +2V/V
VO = 2.0Vp-p, DC to 30MHz
0.05
dB
VO = 2.0Vp-p, DC to 100MHz
0.20
dB
TIME DOMAIN
Rise Time
Gain = +2V/V, 10% to 90%
VO = 2.0Vp-p
1.4
ns
VO = 5.0Vp-p
1.9
ns
Fall Time
Gain = +2V/V, 10% to 90%
VO = 2.0Vp-p
1.4
ns
VO = 5.0Vp-p
2.6
ns
SLEW RATE
Gain = +2V/V, Rise Time = 1ns
VO = 0.2Vp-p
140
V/
µs
VO = 5.0Vp-p
2100
V/
µs
SETTLING TIME
Gain = +2V/V, Rise Time = 2ns
9
ns
VO = 2Vp-p, 0.1%
AC-SPECIFICATION
Power Supply Voltage .........................................................................
±6V
Input Voltage(1) ........................................................................
±V
CC ±0.7V
Operating Temperature ................................................... –40
°C to +85°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature ................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Inputs are internally diode-clamped to
±V
CC.
ABSOLUTE MAXIMUM RATINGS
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
OPA623AP
8-Pin Plastic DIP
006
–40
°C to +85°C
OPA623AU
SO-8 Surface Mount
182
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
PIN CONFIGURATION
Top View
DIP/SO-8
NC
+V
CC
Out
8
7
6
NC
5
4
3
2
1
NC
–In
+In
–V
CC
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.


Similar Part No. - OPA623AD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA623AP BURR-BROWN-OPA623AP Datasheet
254Kb / 15P
   Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA623AU BURR-BROWN-OPA623AU Datasheet
254Kb / 15P
   Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA623AD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com