Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA640P Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA640P
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA640P Datasheet(HTML) 4 Page - Texas Instruments

  OPA640P Datasheet HTML 1Page - Texas Instruments OPA640P Datasheet HTML 2Page - Texas Instruments OPA640P Datasheet HTML 3Page - Texas Instruments OPA640P Datasheet HTML 4Page - Texas Instruments OPA640P Datasheet HTML 5Page - Texas Instruments OPA640P Datasheet HTML 6Page - Texas Instruments OPA640P Datasheet HTML 7Page - Texas Instruments OPA640P Datasheet HTML 8Page - Texas Instruments OPA640P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
OPA640
®
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VS = ±5V, RL = 100Ω, CL = 2pF, RFB = 402Ω and all four power supply pins are used, unless otherwise noted. RFB = 25Ω for a gain of +1.
90
80
70
60
50
–75
Temperature (°C)
A
OL, PSR, AND CMR vs TEMPERATURE
–50
–25
0
25
50
75
100
125
–PSR
A
OL
+PSR
CMR
90
85
80
75
70
–5
Common-Mode Voltage (V)
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
–4
–3
–2
–1
0
1
2
3
4
5
26
22
18
14
10
–75
Ambient Temperature (°C)
INPUT BIAS CURRENT vs TEMPERATURE
–50
–25
0
25
50
75
100
125
20
19
18
17
16
–75
Ambient Temperature (°C)
SUPPLY CURRENT vs TEMPERATURE
–50
–25
0
25
50
75
100
125
70
60
50
40
–60
Ambient Temperature (°C)
OUTPUT CURRENT vs TEMPERATURE
–40
–20
0
20
40
60
80
100
120
140
–I
O
+I
O
30
25
20
15
10
5
0
VOLTAGE NOISE vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
10


Similar Part No. - OPA640P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA640P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com