Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA643UB Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA643UB
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643UB Datasheet(HTML) 4 Page - Texas Instruments

  OPA643UB Datasheet HTML 1Page - Texas Instruments OPA643UB Datasheet HTML 2Page - Texas Instruments OPA643UB Datasheet HTML 3Page - Texas Instruments OPA643UB Datasheet HTML 4Page - Texas Instruments OPA643UB Datasheet HTML 5Page - Texas Instruments OPA643UB Datasheet HTML 6Page - Texas Instruments OPA643UB Datasheet HTML 7Page - Texas Instruments OPA643UB Datasheet HTML 8Page - Texas Instruments OPA643UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
®
OPA643
4
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±5V, RL = 100Ω, RF = 402Ω, unless otherwise noted
LARGE SIGNAL FREQUENCY RESPONSE
Frequency
0.5MHz
10MHz
100MHz
500MHz
20
17
14
11
8
5
2
–1
–4
–7
–10
G = +5
V
O = 1Vp-p
V
O = 2Vp-p
V
O = 4Vp-p
R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
10
1
100
60
50
40
30
20
10
0
LARGE SIGNAL PULSE RESPONSE
Time (5ns/div)
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.4
–2.0
SMALL SIGNAL FREQUENCY RESPONSE
Frequency
0.5MHz
10MHz
100MHz
500MHz
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
V
O = 0.1Vp-p
G = +5
G = +10
G = +20
G = +50
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (20MHz/div)
100MHz
0
200MHz
23
20
17
14
11
8
5
2
–1
–4
–7
C
L = 10pF
G = +5
C
L = 22pF
1k
100
402
(1k
Ω is optional)
R
S
C
L
V
IN
V
O
C
L = 100pF
C
L = 47pF
OPA643
SMALL SIGNAL PULSE RESPONSE
Time (5ns/div)
200
160
120
80
40
0
–40
–80
–120
–160
–200


Similar Part No. - OPA643UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA643UB BURR-BROWN-OPA643UB Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
More results

Similar Description - OPA643UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com