Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA650NB Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA650NB
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA650NB Datasheet(HTML) 5 Page - Texas Instruments

  OPA650NB Datasheet HTML 1Page - Texas Instruments OPA650NB Datasheet HTML 2Page - Texas Instruments OPA650NB Datasheet HTML 3Page - Texas Instruments OPA650NB Datasheet HTML 4Page - Texas Instruments OPA650NB Datasheet HTML 5Page - Texas Instruments OPA650NB Datasheet HTML 6Page - Texas Instruments OPA650NB Datasheet HTML 7Page - Texas Instruments OPA650NB Datasheet HTML 8Page - Texas Instruments OPA650NB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
®
OPA650
5
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted. RFB = 25Ω for Gain of +1.
LARGE SIGNAL TRANSIENT RESPONSE
(G = +1)
Time (5ns/div)
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
CLOSED-LOOP BANDWIDTH (G = +1)
Frequency (Hz)
6
3
0
–3
–6
–9
1M
10M
100M
1G
DIP Bandwidth
= 520MHz
SO-8 Bandwidth
= 560MHz
CLOSED-LOOP BANDWIDTH (G = +5)
Frequency (Hz)
20
17
14
11
8
5
2
–1
1M
10M
100M
1G
SO-8/DIP Bandwidth = 37MHz
CLOSED-LOOP BANDWIDTH (G = +2)
Frequency (Hz)
12
9
6
3
0
–3
–6
–9
–12
1M
10M
100M
1G
SO-8/DIP Bandwidth = 140MHz
RECOMMENDED ISOLATION RESISTANCE
vs CAPACITIVE LOAD
40
30
20
10
0
0
20
40
60
80
100
Capacitive Load, C
L
(pF)
OPA650
C
L
1k
R
ISO
25
SMALL SIGNAL TRANSIENT RESPONSE
(G = +1)
Time (5ns/div)
200
160
120
80
40
0
–40
–80
–120
–160
–200


Similar Part No. - OPA650NB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA650NB BURR-BROWN-OPA650NB Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA650NB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com