Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3613-01DGSRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3613-01DGSRG4
Description  ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3613-01DGSRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3613-01DGSRG4 Datasheet HTML 4Page - Texas Instruments TPS3613-01DGSRG4 Datasheet HTML 5Page - Texas Instruments TPS3613-01DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS3613-01DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS3613-01DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS3613-01DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS3613-01DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS3613-01DGSRG4 Datasheet HTML 11Page - Texas Instruments TPS3613-01DGSRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TPS361301
SLVS340D − DECEMBER 2000 − REVISED JULY 2008
www.ti.com
8
ELECTRICAL CHARACTERISTICS
OVER RECOMMENDED OPERATING CONDITIONS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 1.8 V
IOH = −400 µA
VDD − 0.2 V
RESET
VDD = 3.3 V, IOH = −2 mA
VDD = 5 V,
IOH = −3 mA
VDD − 0.4 V
VDD = 1.8 V, IOH = −20 µA
VDD − 0.3 V
VOH
High-level output voltage
RESET
VDD = 3.3 V, IOH = −80 µA
VDD = 5 V,
IOH = −120 µA
VDD − 0.4 V
V
VOH
High-level output voltage
CEOUT
VOUT = 1.8 V, IOH = −1 mA
VOUT − 0.2 V
V
Enable mode
CEIN = VOUT
VOUT = 3.3 V, IOH = −2 mA
VOUT = 5 V,
IOH = −5 mA
VOUT − 0.3 V
CEOUT
Disable mode
VOUT = 3.3 V, IOH = −0.5 mA
VOUT − 0.4 V
RESET
VDD = 1.8 V, IOL = 400 µA
0.2
RESET
VDD = 3.3 V, IOL = 2 mA
VDD = 5 V,
IOL = 3 mA
0.4
V
Low-level output voltage
CEOUT
VOUT = 1.8 V, IOL = 1.0 mA
0.2
V
VOL
Low-level output voltage
Enable mode
CEIN = 0 V
VOUT = 3.3 V, IOL = 2 mA
VOUT = 5 V,
IOL = 5 mA
0.3
V
Power-up reset
voltage (see Note 1)
VDD > 1.1 V or VBAT > 1.1 V,
IOL = 20 µA
0.4
V
IO = 8.5 mA,
VDD = 1.8 V, VBAT = 0 V
VDD – 50 mV
Normal mode
IO = 125 mA,
VDD = 3.3 V, VBAT = 0 V
VDD − 150 mV
VOUT
IO = 200 mA,
VDD = 5 V,
VBAT = 0 V
VDD – 200 mV
V
Battery-backup mode
IO = 0.5 mA,
VBAT = 1.5 V, VDD = 0 V
VBAT − 20 mV
Battery-backup mode
IO = 7.5 mA,
VBAT = 3.3 V, VDD = 0 V
VBAT – 113 mV
RDS(on)
VDD to VOUT on-resistance
VDD = 5 V
0.6
1
RDS(on)
VBAT to VOUT on-resistance
VBAT = 3.3 V
8
15
VIT
Negative-going input threshold voltage
(see Note 2)
1.13
1.15
1.17
V
Vhys
Hysteresis
Sense
1.1 V
< VIT < 1.65 V
12
mV
Vhys
Hysteresis
VBSW (see Note 3)
VDD = 1.8 V
55
mV
IIH
High-level input current
MR
MR = 0.7 x VDD, VDD = 5 V
−33
−76
µA
IIL
Low-level input current
MR
MR = 0 V,
VDD = 5 V
−110
−255
µA
II
Input current
SENSE
VDD = 1.15 V
−25
25
nA
IDD
VDD supply current
VOUT = VDD
40
µA
IDD
VDD supply current
VOUT = VBAT
40
µA
IBAT
VBAT supply current
VOUT = VDD
−0.1
0.1
µA
IBAT
VBAT supply current
VOUT = VBAT
0.5
µA
Ilkg
CEIN leakage current
Disable mode,
VI < VDD
±1
µA
Ci
Input capacitance
VI = 0 V to 5 V
5
pF
(1) The lowest voltage at which RESET becomes active. tr,(VDD) ≥ 15 µs/V.
(2) To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 µF) should be placed near to the supply terminals.
(3) For VDD < 1.6 V, VOUT switches to VBAT regardless of VBAT


Similar Part No. - TPS3613-01DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results

Similar Description - TPS3613-01DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com