Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA658P Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA658P
Description  Wideband, Low-Power, Current-Feedback Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA658P Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA658P Datasheet HTML 5Page - Texas Instruments OPA658P Datasheet HTML 6Page - Texas Instruments OPA658P Datasheet HTML 7Page - Texas Instruments OPA658P Datasheet HTML 8Page - Texas Instruments OPA658P Datasheet HTML 9Page - Texas Instruments OPA658P Datasheet HTML 10Page - Texas Instruments OPA658P Datasheet HTML 11Page - Texas Instruments OPA658P Datasheet HTML 12Page - Texas Instruments OPA658P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OPA658
9
SBOS045A
www.ti.com
The feedback resistor value acts as the frequency response
compensation element for a current-feedback type amplifier.
The 402
Ω used in setting the specification achieves a nomi-
nal maximally-flat butterworth response while assuming a
2pF output pin parasitic. Increasing the feedback resistor will
overcompensate the amplifier, rolling off the frequency re-
sponse, while decreasing it will decrease phase margin,
peaking up the frequency response. Note that a noninverting,
unity-gain buffer application still requires a feedback resistor
for stability (560
Ω for SO-8, 402Ω for DIP, and 324Ω for
SOT23).
d) Connections to other wideband devices on the board
may be made with short direct traces or through onboard
transmission lines. For short connections, consider the trace
and the input to the next device as a lumped capacitive load.
Relatively wide traces (50 mils to 100 mils) should be used,
preferably with ground and power planes opened up around
them. Estimate the total capacitive load and set RISO from the
plot of recommended RISO vs capacitive load. Low parasitic
loads may not need an RISO since the OPA658 is nominally
compensated to operate with a 2pF parasitic load.
If a long trace is required and the 6dB signal loss intrinsic to
doubly-terminated transmission lines is acceptable, imple-
ment a matched impedance transmission line using microstrip
or stripline techniques (consult an ECL design handbook for
microstrip and stripline layout techniques). A 50
Ω environ-
ment is not necessary onboard, and in fact a higher imped-
ance environment will improve distortion as shown in the
distortion vs load plot. With a characteristic impedance de-
fined based on board material and desired trace dimensions,
a matching series resistor into the trace from the output of the
amplifier is used as well as a terminating shunt resistor at the
input of the destination device. Remember also that the
terminating impedance will be the parallel combination of the
shunt resistor and the input impedance of the destination
device; the total effective impedance should match the trace
impedance. Multiple destination devices are best handled as
separate transmission lines, each with their own series and
shunt terminations.
If the 6dB attenuation loss of a doubly-terminated line is
unacceptable, a long trace can be series-terminated at the
source end only. This will help isolate the line capacitance
from the op amp output, but will not preserve signal integrity
as well as a doubly-terminated line. If the shunt impedance
at the destination end is finite, there will be some signal
attenuation due to the voltage divider formed by the series
and shunt impedances.
e) Socketing a high-speed part like the OPA658 is not
recommended. The additional lead length and pin-to-pin
capacitance introduced by the socket creates an extremely
troublesome parasitic network which can make it almost
impossible to achieve a smooth, stable response. Best re-
sults are obtained by soldering the part onto the board. If
socketing for the DIP package is desired, high-frequency,
flush-mount pins (for instance, McKenzie Technology #710C)
can give good results.
If all terms are divided by the gain (1 + RFB/RFF) it can be
observed that input referred offsets improve as gain in-
creases. The effective noise at the output can be determined
by taking the root sum of the squares of Equation 4 and
applying the spectral noise values found in the Typical
Characteristics section. This applies to noise from the op
amp only. Note that both the noise figure (NF) and the
equivalent input offset voltages improve as the closed-loop
gain increases (by keeping RFB fixed and reducing RFF with
RN = 0Ω).
INCREASING BANDWIDTH AT HIGH GAINS
The closed-loop bandwidth can be extended at high gains by
reducing the value of the feedback resistor RFB. This band-
width reduction is caused by the feedback current being split
between RS and RFF (refer to Figure 1). As the gain increases
(for a fixed RFB), more feedback current is shunted through
RFF, which reduces closed-loop bandwidth.
CIRCUIT LAYOUT AND BASIC OPERATION
Achieving optimum performance with a high-frequency am-
plifier such as the OPA658 requires careful attention to
layout parasitics and selection of external components. Rec-
ommendations for PC board layout and component selection
include:
a) Minimize parasitic capacitance to any ac ground for all
of the signal I/O pins. Parasitic capacitance on the output and
inverting input pins can cause instability; on the noninverting
input it can react with the source impedance to cause
unintentional bandlimiting. To reduce unwanted capacitance,
a window around the signal I/O pins should be opened in all
of the ground and power planes. Otherwise, ground and
power planes should be unbroken elsewhere on the board.
b) Minimize the distance (< 0.25") from the two power pins
to high-frequency 0.1
µF decoupling capacitors. At the pins,
the ground and power-plane layout should not be in close
proximity to the signal I/O pins. Avoid narrow power and
ground traces to minimize inductance between the pins and
the decoupling capacitors. Larger (2.2
µF to 6.8µF) decou-
pling capacitors, effective at lower frequencies, should also
be used. These may be placed somewhat farther from the
device and may be shared among several devices in the
same area of the PC board.
c) Careful selection and placement of external compo-
nents will preserve the high-frequency performance of
the OPA658. Resistors should be a very low reactance type.
Surface-mount resistors work best and allow a tighter overall
layout. Metal film or carbon composition axially-leaded resis-
tors can also provide good high-frequency performance.
Again, keep their leads as short as possible. Never use wire-
wound type resistors in a high-frequency application.
Since the output pin and the inverting input pin are most
sensitive to parasitic capacitance, always position the feed-
back and series output resistor, if any, as close as possible
to the package pins. Other network components, such as
noninverting input termination resistors, should also be placed
close to the package.


Similar Part No. - OPA658P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA658P BURR-BROWN-OPA658P Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA658P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com