Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3126E18DBVTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3126E18DBVTG4
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3126E18DBVTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3126E18DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS3126E18DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS3126E18DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS3126E18DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS3126E18DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS3126E18DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS3126E18DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS3126E18DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS3126E18DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS312 3
J
12
DBV
R
Reel
Package
Nominal Supply Voltage
Typical Reset Threshold Voltage
Functionality
Family
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
www.ti.com
SLVS227E
– AUGUST 1999 – REVISED AUGUST 2011
Table 2. Ordering Information Application Specific Versions (1)
NOMINAL SUPPLY VOLTAGE,
TYPICAL RESET THRESHOLD
DEVICE NAME
DEVICE NAME
VNOM
VOLTAGE
–VIT–
TPS312xx12DBV
1.2 V
TPS312xAxxDBV
VNOM –1%
TPS312xx15DBV
1.5 V
TPS312xBxxDBV
VNOM –2%
TPS312xx18DBV
1.8 V
TPS312xCxxDBV
VNOM –3%
TPS312xx30DBV
3.0 V
TPS312xDxxDBV
VNOM –4%
TPS312xExxDBV
VNOM –5%
TPS312xFxxDBV
VNOM –6%
TPS312xGxxDBV
VNOM –7%
TPS312xHxxDBV
VNOM –8%
TPS312xIxxDBV
VNOM –9%
TPS312xJxxDBV
VNOM –10%
TPS312xKxxDBV
VNOM –11%
TPS312xLxxDBV
VNOM –12%
TPS312xMxxDBV
VNOM –13%
TPS312xNxxDBV
VNOM –14%
TPS312xOxxDBV
VNOM –15%
(1)
For the application-specific versions contact Texas Instruments for availability, lead time, and minimum order quantities.
Table 3. Function Tables
TPS3123/8
TPS3124
TPS3125/6
MR
VDD
> VIT
RESET
VDD
> VIT
RESET
RESET
MR
VDD
> VIT
RESET
RESET
L
0
L
0
L
H
L
0
L
H
L
1
L
1
H
L
L
1
L
H
H
0
L
H
0
L
H
H
1
H
H
1
H
L
Table 4. Reset Topology
DEVICES
OPEN DRAIN
PUSH-PULL
TPS3123
X
TPS3124
X
TPS3125
X
TPS3126
X
TPS3128
X
Copyright
© 1999–2011, Texas Instruments Incorporated
3


Similar Part No. - TPS3126E18DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3126E18DBVT TI-TPS3126E18DBVT Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3126E18DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3125L30DBVTG4 TI-TPS3125L30DBVTG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX_08 Datasheet
409Kb / 19P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com