Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA643 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA643
Description  Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA643 Datasheet HTML 4Page - Texas Instruments OPA643 Datasheet HTML 5Page - Texas Instruments OPA643 Datasheet HTML 6Page - Texas Instruments OPA643 Datasheet HTML 7Page - Texas Instruments OPA643 Datasheet HTML 8Page - Texas Instruments OPA643 Datasheet HTML 9Page - Texas Instruments OPA643 Datasheet HTML 10Page - Texas Instruments OPA643 Datasheet HTML 11Page - Texas Instruments OPA643 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
OPA686
APPLICATIONS INFORMATION
WIDEBAND, NON-INVERTING OPERATION
The OPA686 provides a unique combination of features—
low input voltage noise along with a very low distortion
output stage—to give one of the highest dynamic range op
amps available. Its very high Gain Bandwidth Product (GBP)
can be used either to deliver high signal bandwidths at high
gains, or to deliver very low distortion signals at moderate
frequencies and lower gains. To achieve the full perfor-
mance of the OPA686, careful attention to PC board layout
and component selection is required as discussed in the
remaining sections of this data sheet.
Figure 1 shows the non-inverting gain of +10 circuit used as
the basis of the Electrical Specifications and most of the
Typical Performance Curves. Most of the curves were char-
acterized using signal sources with 50
Ω driving impedance,
and with measurement equipment presenting a 50
Ω load
impedance. In Figure 1, the 50
Ω shunt resistor at the V
I
terminal matches the source impedance of the test generator,
while the 50
Ω series resistor at the V
O terminal provides a
matching resistor for the measurement equipment load.
Generally, data sheet voltage swing specifications are at the
output pin (VO in Figure 1), while output power (dBm)
specifications are at the matched 50
Ω load. The total 100Ω
load at the output, combined with the 503
Ω total feedback
network load, presents the OPA686 with an effective output
load of 83
Ω for the circuit of Figure 1.
Voltage feedback op amps, unlike current feedback designs,
can use a wide range of resistor values to set their gain. The
circuit of Figure 1, and the specifications at other gains, use
the constraint that RG should always be set to 50Ω and RF
adjusted to get the desired gain. Using this guideline will
guarantee that the noise added at the output due to Johnson
noise of the resistors will not significantly increase the total
noise over that due to the 1.3nV/
√Hz input voltage noise for
the op amp itself.
WIDEBAND, INVERTING GAIN OPERATION
Operating the OPA686 as an inverting amplifier has several
benefits and is particularly appropriate when a matched
input impedance is required. Figure 2 shows the inverting
gain circuit used as the basis of the inverting mode Typical
Performance Curves.
FIGURE 1. Non-Inverting, G = +10 Specification and Test
Circuit.
FIGURE 2. Inverting, G = –20 Characterization Circuit.
Driving this circuit from a 50
Ω source, and constraining the
gain resistor (RG) to equal 50Ω, will give both a signal
bandwidth and noise advantage. RG acts as both the input
termination resistor and the gain setting resistor for the
circuit. Although the signal gain (VO/VI) for the circuit of
Figure 2 is double that for Figure 1, the noise gains are in
fact equal when the 50
Ω source resistor is included. This
has the interesting effect of doubling the equivalent GBP of
the amplifier. This can be seen in comparing the G = +10
and G = –20 small-signal frequency response curves. Both
show approximately 250MHz bandwidth, but the inverting
configuration of Figure 2 gives 6dB higher signal gain. If
the signal source is actually the low impedance output of
another amplifier, RG should be increased to the minimum
load resistance value allowed for that amplifier and RF
should be adjusted to achieve the desired gain. For stable
operation of the OPA686, it is critical that this driving
amplifier show a very low output impedance at frequencies
beyond the expected closed-loop bandwidth for the OPA686.
WIDEBAND, HIGH SENSITIVITY, TRANSIMPEDANCE
DESIGN
The high Gain Bandwidth Product (GBP) and the low input
voltage and current noise for the OPA686 make it an ideal
wideband transimpedance amplifier for low to moderate
transimpedance gains. Very high transimpedance gains
(> 100k
Ω) will benefit from the low input noise current of
a FET-input op amp such as the OPA655. Unity gain
stability in the op amp is not required for application as a
OPA686
+5V
–5V
–V
S
+V
S
50
V
O
V
I
50
+
0.1µF
+
6.8µF
6.8µF
R
G
50
R
F
453
50
Ω Source
50
Ω Load
0.1µF
OPA686
+5V
–5V
+V
S
–V
S
91
50
V
O
V
I
+
6.8µF
0.1µF
+
6.8µF
0.1µF
0.1µF
R
F
1k
R
G
50
50
Ω Source
50
Ω Load


Similar Part No. - OPA643

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA643N BURR-BROWN-OPA643N Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA643N TI1-OPA643N Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
OPA643N-250 TI1-OPA643N-250 Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
More results

Similar Description - OPA643

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com