Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA692ID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA692ID
Description  Wideband, Fixed Gain Video BUFFER AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA692ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA692ID Datasheet HTML 6Page - Texas Instruments OPA692ID Datasheet HTML 7Page - Texas Instruments OPA692ID Datasheet HTML 8Page - Texas Instruments OPA692ID Datasheet HTML 9Page - Texas Instruments OPA692ID Datasheet HTML 10Page - Texas Instruments OPA692ID Datasheet HTML 11Page - Texas Instruments OPA692ID Datasheet HTML 12Page - Texas Instruments OPA692ID Datasheet HTML 13Page - Texas Instruments OPA692ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
OPA692
10
SBOS236E
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
TA = +25°C, G = +2, and RL = 100Ω (see Figure 1 for DC performance only), unless otherwise noted.
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
40
30
20
10
0
–10
–20
–30
–40
Input Offset Voltage
Noninverting Input Bias Current
Inverting Input Bias Current
5
4
3
2
1
0
–1
–2
–3
–4
–5
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
–300 –250 –200 –150 –100 –50
0
50
100 150 200 250 300
100
Ω Load Line
50
Ω Load Line
25
Load Line
Output Current Limited
1W Internal
Power Limit
1W Internal
Power Limit
Output Current Limit
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
Time (200ns/div)
2.0
1.6
1.2
0.8
0.4
0
6.0
4.0
2.0
0
Output Voltage
V
DIS
V
IN = +1V
DISABLE/ENABLE GLITCH
Time (20ns/div)
30
20
10
0
–10
–20
6.0
4.0
2.0
0
Output Voltage
(0V Input)
V
DIS
10
1
0.1
CLOSED-LOOP OUTPUT IMPEDANCE
Frequency (Hz)
10k
100M
100k
1M
10M
OPA692
402
+5V
–5V
402
50
Z
O


Similar Part No. - OPA692ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA692ID BURR-BROWN-OPA692ID Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA692IDBV BURR-BROWN-OPA692IDBV Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA692IDBVR BURR-BROWN-OPA692IDBVR Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA692IDBVT BURR-BROWN-OPA692IDBVT Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results

Similar Description - OPA692ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
logo
Texas Instruments
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com