Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA693IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA693IDBVT
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA693IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA693IDBVT Datasheet HTML 1Page - Texas Instruments OPA693IDBVT Datasheet HTML 2Page - Texas Instruments OPA693IDBVT Datasheet HTML 3Page - Texas Instruments OPA693IDBVT Datasheet HTML 4Page - Texas Instruments OPA693IDBVT Datasheet HTML 5Page - Texas Instruments OPA693IDBVT Datasheet HTML 6Page - Texas Instruments OPA693IDBVT Datasheet HTML 7Page - Texas Instruments OPA693IDBVT Datasheet HTML 8Page - Texas Instruments OPA693IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Ultra-Wideband, Fixed Gain
Video BUFFER AMPLIFIER with Disable
www.ti.com
OPA6
93
OPA6
93
OPA693
SBOS285A – OCTOBER 2003 – REVISED JULY 2008
www.ti.com
DESCRIPTION
The OPA693 provides an easy to use, broadband, fixed gain
buffer amplifier. Depending on the external connections, the
internal resistor network may be used to provide either a
fixed gain of +2 video buffer or a gain of
±1 voltage buffer.
Operating on a low 13mA supply current, the OPA693 offers
a slew rate (2500V/
µs) and bandwidth (> 700MHz) normally
associated with a much higher supply current. A new output
stage architecture delivers high output current with a minimal
headroom and crossover distortion. This gives exceptional
single-supply operation. Using a single +5V supply, the
OPA693 can deliver a 2.5VPP swing with over 90mA drive
current and 500MHz bandwidth at a gain of +2. This combi-
nation of features makes the OPA693 an ideal RGB line
driver or single-supply undersampling Analog-to-Digital Con-
verter (ADC) input driver.
The OPA693’s low 13mA supply current is precisely trimmed
at 25
°C. This trim, along with low drift over temperature,
ensures lower maximum supply current than competing
products that report only a room temperature nominal supply
current. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or
holding it HIGH, gives normal operation. This optional dis-
able allows the OPA693 to fit into existing video buffer
layouts where the disable pin is unconnected to get improved
performance with no board changes. If pulled LOW, the
OPA693 supply current drops to less than 170
µA while the
output goes into a high impedance state. This feature may be
used for power savings.
The low gain stable current-feedback architecture used in the
OPA693 is particularly suitable for high full-power bandwidth
cable driving requirements. Where the additional flexibility of
an op amp is required, consider the OPA695 ultra-wideband
current feedback op amp. Where a unity gain stable voltage
feedback op amp with very high slew rate is required,
consider the OPA690.
FEATURES
q VERY HIGH BANDWIDTH (G = +2): 700MHz
q FLEXIBLE SUPPLY RANGE:
+5V to +12V Single Supply
±2.5V to ±6V Dual Supplies
q INTERNALLY FIXED GAIN: +2 or
±1
q LOW SUPPLY CURRENT: 13mA
q LOW DISABLED CURRENT: 120
µA
q HIGH OUTPUT CURRENT:
±120mA
q OUTPUT VOLTAGE SWING:
±4.1V
q SOT23-6 AVAILABLE
Copyright © 2002-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q BROADBAND VIDEO LINE DRIVERS
q MULTIPLE LINE VIDEO DA
q PORTABLE INSTRUMENTS
q ADC BUFFERS
q HIGH FREQUENCY ACTIVE FILTERS
q HFA1112 IMPROVED DROP-IN
OPA693 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage Feedback
OPA690
OPA2690
OPA3690
Current Feedback
OPA691
OPA2691
OPA3691
Fixed Gain
OPA692
OPA3692
> 900MHz
OPA695
75
Video
Out
Video
Out
75
RG-59
75
75
RG-59
75
300
300
1
2
3
4
8
7
6
5
DIS
OPA693
SO-8
G = +2
700MHz, 2-Output Component Video DA
+5V
−5V
Video
In
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - OPA693IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA693IDBVT BURR-BROWN-OPA693IDBVT Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
More results

Similar Description - OPA693IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com