Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3780BQDBVRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780BQDBVRQ1
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780BQDBVRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3780BQDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3780BQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
TPS3779-Q1, TPS3780-Q1
SBVS273 – JUNE 2016
www.ti.com
Product Folder Links: TPS3779-Q1 TPS3780-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For low-power devices, the junction temperature rise above the ambient temperature is negligible; therefore, the junction temperature is
considered equal to the ambient temperature (TJ = TA).
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
VDD
–0.3
7
V
OUT1, OUT2 (TPS3779-Q1 only)
–0.3
VDD + 0.3
OUT1, OUT2 (TPS3780-Q1 only)
–0.3
7
SENSE1, SENSE2
–0.3
7
Current
OUT1, OUT2
±20
mA
Temperature
Operating junction, TJ
(2)
–40
125
°C
Storage, Tstg
–65
150
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±500
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Power-supply voltage
1.5
5.5
V
Sense voltage
SENSE1, SENSE2
0
5.5
V
Output voltage (TPS3779-Q1 only)
OUT1, OUT2
0
VDD + 0.3
V
Output voltage (TPS3780-Q1 only)
OUT1, OUT2
0
5.5
V
RPU
Pullup resistor (TPS3780-Q1 only)
1.5
10,000
k
Current
OUT1, OUT2
–5
5
mA
CIN
Input capacitor
0.1
µF
TJ
Junction temperature
–40
25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS3779-Q1,
TPS3780-Q1
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
193.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
134.5
°C/W
RθJB
Junction-to-board thermal resistance
39.0
°C/W
ψJT
Junction-to-top characterization parameter
30.4
°C/W
ψJB
Junction-to-board characterization parameter
38.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W


Similar Part No. - TPS3780BQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3780BDBVR TI1-TPS3780BDBVR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780BDBVT TI1-TPS3780BDBVT Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780BDRYR TI-TPS3780BDRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3780BDRYR TI1-TPS3780BDRYR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780BDRYT TI-TPS3780BDRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Similar Description - TPS3780BQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com