Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3780AQDBVRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780AQDBVRQ1
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780AQDBVRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3780AQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
VHYS
OUTx
tSD
VDD
VDD(min)
SENSEx
V(POR)
VIT+
VIT±
tPD(r)
tPD(f)
570 µs
Undefined
Undefined
570 µs
6
TPS3779-Q1, TPS3780-Q1
SBVS273 – JUNE 2016
www.ti.com
Product Folder Links: TPS3779-Q1 TPS3780-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
During power-on or when a VDD transient is below VDD(min), the outputs reflect the input conditions 570 µs after VDD transitions
through VDD(min).
7.6 Timing Requirements
typical values are at TJ = 25°C and VDD = 3.3 V; SENSEx transitions between 0 V and 1.3 V
MIN
NOM
MAX
UNIT
tPD(r)
SENSEx (rising) to OUTx propagation delay
5.5
µs
tPD(f)
SENSEx (falling) to OUTx propagation delay
10
µs
tSD
Startup delay(1)
570
µs
Figure 1. Timing Diagram


Similar Part No. - TPS3780AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3780ADBVR TI1-TPS3780ADBVR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADBVT TI1-TPS3780ADBVT Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADRYR TI-TPS3780ADRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3780ADRYR TI1-TPS3780ADRYR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADRYT TI-TPS3780ADRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Similar Description - TPS3780AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com