Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3779CDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3779CDBVR
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3779CDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3779CDBVR Datasheet HTML 3Page - Texas Instruments TPS3779CDBVR Datasheet HTML 4Page - Texas Instruments TPS3779CDBVR Datasheet HTML 5Page - Texas Instruments TPS3779CDBVR Datasheet HTML 6Page - Texas Instruments TPS3779CDBVR Datasheet HTML 7Page - Texas Instruments TPS3779CDBVR Datasheet HTML 8Page - Texas Instruments TPS3779CDBVR Datasheet HTML 9Page - Texas Instruments TPS3779CDBVR Datasheet HTML 10Page - Texas Instruments TPS3779CDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
VIT- Accuracy (%)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
Output Sink Current (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
TJ = -40°C
TJ = 0°C
TJ = +25°C
TJ = +85°C
TJ = +105°C
TJ = +125°C
VIT+ Accuracy (%)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
-0.4
-0.32
-0.24
-0.16
-0.08
0
0.08
0.16
0.24
0.32
0.4
Sense 1 VDD = 1.5 V
Sense 1 VDD = 6.5 V
Sense 2 VDD = 1.5 V
Sense 2 VDD = 6.5 V
Supply Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
TJ = -40°C
TJ = 0°C
TJ = +25°C
TJ = +85°C
TJ = +105°C
TJ = +125°C
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
-0.4
-0.32
-0.24
-0.16
-0.08
0
0.08
0.16
0.24
0.32
0.4
Sense 1 VDD = 1.5 V
Sense 1 VDD = 6.5 V
Sense 2 VDD = 1.5 V
Sense 2 VDD = 6.5 V
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
7.7 Typical Characteristics
At TJ = 25°C with a 0.1-µF capacitor close to VDD, unless otherwise noted.
SENSE1 = SENSE2 = 1.5 V
Figure 2. Supply Current vs Supply Voltage
Figure 3. Sense Threshold (VIT+) Deviation vs Temperature
VDD = 6.5 V
Figure 4. Sense Threshold (VIT–) Deviation vs Temperature
Figure 5. Sense Threshold (VIT+)
VDD = 6.5 V
Figure 7. Output Voltage Low vs Output Current
Figure 6. Sense Threshold (VIT–)
(VDD = 1.5 V)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3779 TPS3780


Similar Part No. - TPS3779CDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779CDRYR TI-TPS3779CDRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3779CDRYT TI-TPS3779CDRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Similar Description - TPS3779CDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com