Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3808G01QDBVRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G01QDBVRQ1
Description  Low-Quiescent-Current Programmable-Delay Supervisory Circuit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G01QDBVRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3808G01QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS3808G01QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3808G01QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3808G01QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3808G01QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3808G01QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3808G01QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3808G01QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3808G01QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS3808G01-Q1, TPS3808G12-Q1, TPS3808G125-Q1, TPS3808G15-Q1
TPS3808G18-Q1, TPS3808G30-Q1, TPS3808G33-Q1, TPS3808G50-Q1
SBVS085I – JANUARY 2007 – REVISED JUNE 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Input voltage
–0.3
7
V
VCT
CT voltage
–0.3
(VDD + 0.3)
V
VMR,
VRESET,
MR, RESET, SENSE voltage
–0.3
7
V
VSENSE
IRESET
RESET pin current
5
mA
TJ
Operating junction temperature(2)
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electric Characteristics is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Due to the low dissipated power in this device, it is assumed that TJ = TA.
7.2 ESD Ratings
VALUE
UNIT
TPS3808G125QDBVRQ1 IN SOT-23 PACKAGE
Human body model (HBM), per AEC Q100-002(1)
±2000
Electrostatic
V(ESD)
Charged device model (CDM), per AEC Q100-011
±1000
V
discharge
Machine Model (MM)
±50
TPS3808GXX-Q1 IN SOT-23 PACKAGE
Human body model (HBM), per AEC Q100-002(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per AEC Q100-011
±500
TPS3808G01QDRVRQ1 IN SON PACKAGE
Human body model (HBM), per AEC Q100-002(1)
±2000
Electrostatic
V(ESD)
Charged device model (CDM), per AEC Q100-011
±500
V
discharge
Machine Model (MM)
±50
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD Input supply range
1.8
6.5
V
VSENSE SENSE pin voltage
0
VDD
V
MR Manual reset pin voltage
0
VDD
V
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS3808G01-Q1 TPS3808G12-Q1 TPS3808G125-Q1 TPS3808G15-Q1 TPS3808G18-Q1
TPS3808G30-Q1 TPS3808G33-Q1 TPS3808G50-Q1


Similar Part No. - TPS3808G01QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G01QDBVRQ1 TI1-TPS3808G01QDBVRQ1 Datasheet
785Kb / 20P
[Old version datasheet]   LOW-QUIESCENT-CURRENT PROGRAMMABLE-DELAY SUPERVISORY CIRCUIT
More results

Similar Description - TPS3808G01QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com