Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3806J20DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3806J20DBVR
Description  Dual Voltage Detector with Adjustable Hysteresis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3806J20DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS3806J20DBVR Datasheet HTML 1Page - Texas Instruments TPS3806J20DBVR Datasheet HTML 2Page - Texas Instruments TPS3806J20DBVR Datasheet HTML 3Page - Texas Instruments TPS3806J20DBVR Datasheet HTML 4Page - Texas Instruments TPS3806J20DBVR Datasheet HTML 5Page - Texas Instruments TPS3806J20DBVR Datasheet HTML 6Page - Texas Instruments TPS3806J20DBVR Datasheet HTML 7Page - Texas Instruments TPS3806J20DBVR Datasheet HTML 8Page - Texas Instruments TPS3806J20DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
VDD
VIT(HSENSE)
VIT(LSENSE)
VIT,VDD+Vhys
VIT(VDD)
0.8 V
RSTSENSE
RESET
= Undefined
TPS3806J20
TPS3806I33
SLVS393A – JULY 2001 – REVISED NOVEMBER 2004
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
GND
2
I
Ground
HSENSE
6
I
Adjustable hysteresis input
LSENSE
5
I
Adjustable sense input
RESET
3
O
Active-low open drain reset output (from VDD)
RSTSENSE
1
O
Active-low open-drain reset output (from LSENSE)
VDD
4
I
Input supply voltage and fixed sense input
FUNCTION/TRUTH TABLE
TPS3806
VDD > VIT
RESET
LSENSE > VIT
RSTSENSE
0
L
0
L
1
H
1
H
4


Similar Part No. - TPS3806J20DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806J20DBVR TI-TPS3806J20DBVR Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20DBVR TI1-TPS3806J20DBVR Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
More results

Similar Description - TPS3806J20DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com