Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3702CX50DDCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3702CX50DDCT
Description  High-Accuracy, Overvoltage and Undervoltage Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3702CX50DDCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3702CX50DDCT Datasheet HTML 4Page - Texas Instruments TPS3702CX50DDCT Datasheet HTML 5Page - Texas Instruments TPS3702CX50DDCT Datasheet HTML 6Page - Texas Instruments TPS3702CX50DDCT Datasheet HTML 7Page - Texas Instruments TPS3702CX50DDCT Datasheet HTML 8Page - Texas Instruments TPS3702CX50DDCT Datasheet HTML 9Page - Texas Instruments TPS3702CX50DDCT Datasheet HTML 10Page - Texas Instruments TPS3702CX50DDCT Datasheet HTML 11Page - Texas Instruments TPS3702CX50DDCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
Load (mA)
-40
SC
0
SC
25
SC
105
SC
125
SC
C001
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
Load (mA)
-40
SC
0
SC
25
SC
105
SC
125
SC
C001
0
10
20
30
40
50
60
70
0
2
4
6
8
10
Overdrive (%)
-40
SC
0
SC
25
SC
105
SC
125
SC
C001
0
4
8
12
16
20
24
28
0
2
4
6
8
10
Overdrive (%)
-40
SC
0
SC
25
SC
105
SC
125
SC
C001
0
4
8
12
16
20
24
28
0
2
4
6
8
10
Overdrive (%)
-40
SC
0
SC
25
SC
105
SC
125
SC
C001
0
10
20
30
40
50
60
70
0
2
4
6
8
10
Overdrive (%)
-40
SC
0
SC
25
SC
105
SC
125
SC
C001
TPS3702
SBVS251 – JANUARY 2015
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C, VDD = 3 V, and RPU = 10 kΩ, unless otherwise noted.
SENSE transitions from high to low
SENSE transitions from low to high
Figure 8. Undervoltage Propagation Delay vs Overdrive
Figure 9. Overvoltage Propagation Delay vs Overdrive
SENSE transitions from low to high
SENSE transitions from high to low
Figure 10. Undervoltage Propagation Delay vs Overdrive
Figure 11. Overvoltage Propagation Delay vs Overdrive
VDD = 1.8 V
VDD = 18 V
Figure 12. Low-Level Output Voltage vs Output Current
Figure 13. Low-Level Output Voltage vs Output Current
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3702


Similar Part No. - TPS3702CX50DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702CX50QDDCRQ1 TI1-TPS3702CX50QDDCRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
More results

Similar Description - TPS3702CX50DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V03 Datasheet
3Mb / 40P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com