Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3809L30-EP Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS3809L30-EP
Description  3-PIN SUPPLY VOLTAGE SUPERVISORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3809L30-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3809L30-EP Datasheet HTML 2Page - Texas Instruments TPS3809L30-EP Datasheet HTML 3Page - Texas Instruments TPS3809L30-EP Datasheet HTML 4Page - Texas Instruments TPS3809L30-EP Datasheet HTML 5Page - Texas Instruments TPS3809L30-EP Datasheet HTML 6Page - Texas Instruments TPS3809L30-EP Datasheet HTML 7Page - Texas Instruments TPS3809L30-EP Datasheet HTML 8Page - Texas Instruments TPS3809L30-EP Datasheet HTML 9Page - Texas Instruments TPS3809L30-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
0.0
2.5
5.0
7.5
10.0
12.5
VDD = 2.5 V
TA = 85°C
TA =−40°C
IOL − Low-Level Output Current − mA
TA = 25°C
TA = 0°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
IOH − High-Level Output Current − mA
VDD = 6 V
TA = 85°C
0
−10
−20
−30
−40
−50
TA =−40°C
TA = 0°C
TA = 25°C
0.995
0.996
0.997
0.998
0.999
1.000
1.001
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE AT VDD
TA − Free-Air Temperature − °C
−40
−20
0
20
40
60
85
VDD = 2.3 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
IOH − High-Level Output Current − mA
VDD = 2.5 V
TA = 85°C
0
−2
−4
−6
−8
−10
TA =−40°C
TA = 25°C
TA = 0°C
TPS3809L30-EP, TPS3809K33-EP, TPS3809I50-EP
3-PIN SUPPLY VOLTAGE SUPERVISORS
SGLS369A – AUGUST 2006 – REVISED NOVEMBER 2006
Figure 1.
Figure 2.
Figure 3.
Figure 4.
6
Submit Documentation Feedback


Similar Part No. - TPS3809L30-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3809L30-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com